Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IDT74FCT541ATPYB Arkusz danych (PDF) - Integrated Device Technology

IDT74FCT541ATPYB Datasheet PDF - Integrated Device Technology
Numer części IDT74FCT541ATPYB
Pobierz  IDT74FCT541ATPYB Pobierz
Rozmiar pliku   230.11 Kbytes
Page   9 Pages
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology
Szczegółowy opis FAST CMOS OCTAL BUFFER/LINE DRIVERS

IDT74FCT541ATPYB Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
IDT74FCT541ATPYB Datasheet PDF - Integrated Device Technology

Numer części IDT74FCT541ATPYB
Pobierz  IDT74FCT541ATPYB Click to download

Rozmiar pliku   230.11 Kbytes
Page   9 Pages
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology
Szczegółowy opis FAST CMOS OCTAL BUFFER/LINE DRIVERS

IDT74FCT541ATPYB Arkusz danych (HTML) - Integrated Device Technology


IDT74FCT541ATPYB Szczegóły Produktu

FEATURES:
• Common features:
– Low input and output leakage £1mA (max.)
– CMOS power levels
– True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
– Meets or exceeds JEDEC standard 18 specifications
– Product available in Radiation Tolerant and Radiation
Enhanced versions
– Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
– Available in DIP, SOIC, SSOP, QSOP, CERPACK
and LCC packages
• Features for FCT240T/FCT244T/FCT540T/FCT541T:
– Std., A, C and D speed grades
– High drive outputs (-15mA IOH, 64mA IOL)
• Features for FCT2240T/FCT2244T/FCT2541T:
– Std., A and C speed grades
– Resistor outputs (-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
– Reduced system switching noise

DESCRIPTION:
The IDT octal buffer/line drivers are built using an advanced
dual metal CMOS technology. The FCT240T/FCT2240T and
FCT244T/FCT2244T are designed to be employed as memory
and address drivers, clock drivers and bus-oriented transmitter/
receivers which provide improved board density.
The FCT540T and FCT541T/FCT2541T are similar in
function to the FCT240T/FCT2240T and FCT244T/FCT2244T,
respectively, except that the inputs and outputs are on opposite
sides of the package. This pinout arrangement makes
these devices especially useful as output ports for microprocessors
and as backplane drivers, allowing ease of layout and
greater board density.
The FCT2240T, FCT2244T and FCT2541T have balanced
output drive with current limiting resistors. This offers low
ground bounce, minimal undershoot and controlled output fall
times-reducing the need for external series terminating resistors.
FCT2xxxT parts are plug-in replacements for FCTxxxT
parts.




Podobny numer części - IDT74FCT541ATPYB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT74FCT541AT IDT-IDT74FCT541AT Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
More results


Podobny opis - IDT74FCT541ATPYB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
Fast CMOS 16-Bit Octal Buffer/Line Drivers
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
Fast CMOS Octal Buffer/Line Drivers
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
Octal Buffer Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
More results




O Integrated Device Technology


Integrated Device Technology (IDT) to amerykańska firma specjalizująca się w projektowaniu i produkcji mieszanych rozwiązań półprzewodnikowych.
Firma została założona w 1980 roku i ma siedzibę w San Jose w Kalifornii.
IDT zapewnia szeroką gamę produktów, w tym rozwiązania zegarowe i czasowe, interfejs pamięci i cyfrowe produkty logiczne.
Produkty firmy są wykorzystywane w różnych aplikacjach, takich jak obliczenia, telekomunikacja i automatyzacja przemysłowa.
IDT jest znany ze swojej wiedzy specjalistycznej w zakresie technologii półprzewodników mieszanych i zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
Firma ma działalność i obiekty w różnych krajach na całym świecie i ściśle współpracuje z klientami, aby zapewnić niestandardowe rozwiązania półprzewodników, które spełniają ich szczególne wymagania i potrzeby.
Oprócz podstawowej działalności, IDT zapewnia również rozwiązania na rynki motoryzacyjne, centrum danych i Internetu rzeczy (IoT).

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com