Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMS1117-5.0 Arkusz danych (PDF) - TECH PUBLIC Electronics co LTD

AMS1117-5.0 Datasheet PDF - TECH PUBLIC Electronics co LTD
Numer części AMS1117-5.0
Pobierz  AMS1117-5.0 Pobierz
Rozmiar pliku   2749.78 Kbytes
Page   8 Pages
Producent  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Strona internetowa  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Szczegółowy opis 1A LOW DROPOUT LINEAR REGULATOR

AMS1117-5.0 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AMS1117-5.0 Datasheet PDF - TECH PUBLIC Electronics co LTD

Numer części AMS1117-5.0
Pobierz  AMS1117-5.0 Click to download

Rozmiar pliku   2749.78 Kbytes
Page   8 Pages
Producent  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Strona internetowa  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Szczegółowy opis 1A LOW DROPOUT LINEAR REGULATOR

AMS1117-5.0 Arkusz danych (HTML) - TECH PUBLIC Electronics co LTD


AMS1117-5.0 Szczegóły Produktu

Features
Output Current of 1A Maximum
Three-Terminal Adjustable or Fixed Outputs
Maximum Input Voltage: 18V
Fast Transient Response
Current Limit, Safe Operating and Thermal
Shutdown Protection
Line Regulation: 0.2%
Load Regulation: 0.4%
Environment Temperature: -50°C~+140°C
Available in SOT223-3 and TO-252 ,SOT89-3 Package




Podobny numer części - AMS1117-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Monolithic Sys...
AMS1117-5.0 ADMOS-AMS1117-5.0 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117-5.0 AMS-AMS1117-5.0 Datasheet
624Kb / 5P
0.8A Adjustable/Fixed Low Dropout Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
AMS1117-5.0 ARTSCHIP-AMS1117-5.0 Datasheet
191Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
AMS1117-5.0 YFWDIODE-AMS1117-5.0 Datasheet
820Kb / 4P
Low Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results


Podobny opis - AMS1117-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
1A LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com