Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NS4203 Arkusz danych (PDF) - Shenzhen Naxinwei Technology Co., Ltd.

NS4203 Datasheet PDF - Shenzhen Naxinwei Technology Co., Ltd.
Numer części NS4203
Pobierz  NS4203 Pobierz
Rozmiar pliku   913.65 Kbytes
Page   16 Pages
Producent  NSIWAY [Shenzhen Naxinwei Technology Co., Ltd.]
Strona internetowa  http://www.nsiway.com.cn
Logo NSIWAY - Shenzhen Naxinwei Technology Co., Ltd.
Szczegółowy opis  Ultra-low EMI, no filter required, 3W dual-channel Class D audio amplifier stereo headphone function

NS4203 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
NS4203 Datasheet PDF - Shenzhen Naxinwei Technology Co., Ltd.

Numer części NS4203
Pobierz  NS4203 Click to download

Rozmiar pliku   913.65 Kbytes
Page   16 Pages
Producent  NSIWAY [Shenzhen Naxinwei Technology Co., Ltd.]
Strona internetowa  http://www.nsiway.com.cn
Logo NSIWAY - Shenzhen Naxinwei Technology Co., Ltd.
Szczegółowy opis  Ultra-low EMI, no filter required, 3W dual-channel Class D audio amplifier stereo headphone function

NS4203 Arkusz danych (HTML) - Shenzhen Naxinwei Technology Co., Ltd.


NS4203 Szczegóły Produktu

 3W output power (10% THD, 5V power supply, 3Ω load)
 0.1%THD+N (0.5W output power, 5V power supply)
 Excellent full-bandwidth EMI suppression capability
 Excellent "power on, power off" noise suppression
 Up to 85% efficiency
 High PSRR: -80dB (217Hz)
 Working voltage range: 2.2V~5.25V
 Overcurrent protection, overheating protection, undervoltage protection
 Stereo headphone amplification mode
 SOP16 and DIP16 packages




Podobny numer części - NS4203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NS4215 ETC-NS4215 Datasheet
808Kb / 20P
STEREO 8.5W Non-Clip CLASS-D AUDIO POWER AMPLIFIER
2013/08 V1.0
logo
Shenzhenshi YONGFUKANG ...
NS4225 YONGFUKANG-NS4225 Datasheet
711Kb / 17P
2-channel 2X25W, filterless, Class D audio amplifier
logo
Shenzhen Naxinwei Techn...
NS4248 NSIWAY-NS4248 Datasheet
5Mb / 14P
3.0W dual-channel Class D audio power amplifier with additional stereo headphone function
Jun.2018 V1.0
logo
Shenzhenshi YONGFUKANG ...
NS4249 YONGFUKANG-NS4249 Datasheet
1Mb / 15P
Class AB/Class D switching, ultra low EMI, no filter, 3W dual channel audio amplifier stereo headphone function
logo
Shenzhen Naxinwei Techn...
NS4250 NSIWAY-NS4250 Datasheet
697Kb / 16P
Second generation ultra-long battery life 2X3W smart audio amplifier
2010.10 V1.0
More results


Podobny opis - NS4203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
HT6808 YONGFUKANG-HT6808 Datasheet
591Kb / 12P
3W Ultra Low EMI Anti-Cut Top Stereo Class D Audio Power Amplifier
NS4149 YONGFUKANG-NS4149 Datasheet
754Kb / 14P
Ultra low EMI, no filter, 3W mono digital audio amplifier
NS4249 YONGFUKANG-NS4249 Datasheet
1Mb / 15P
Class AB/Class D switching, ultra low EMI, no filter, 3W dual channel audio amplifier stereo headphone function
NS4268 YONGFUKANG-NS4268 Datasheet
1Mb / 17P
DC volume control, ultra low EMI, no filter, 3W dual channel Class D audio amplifier stereo headphone function
NS4298 YONGFUKANG-NS4298 Datasheet
1Mb / 19P
Three-in-one input, DC volume control, ultra-low EMI, no filter, 3W dual-channel AB/D audio amplifier stereo headphone function
logo
Shenzhen Naxinwei Techn...
NS4160 NSIWAY-NS4160 Datasheet
625Kb / 14P
Class AB/Class D switching, ultra-low EMI, no filter required, 5W mono audio amplifier
V1.0
NS4248 NSIWAY-NS4248 Datasheet
5Mb / 14P
3.0W dual-channel Class D audio power amplifier with additional stereo headphone function
Jun.2018 V1.0
NS4263 NSIWAY-NS4263 Datasheet
834Kb / 19P
Class AB/Class D switching, ultra-low EMI, no filter required, 3W dual-channel audio amplifier stereo headphone function
2011.10 V1.0
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com