| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Fairchild Semiconductor |
FGL12040WD
|
1Mb / 9P |
1200 V, 40 A Field Stop Trench IGBT
|
 ON Semiconductor |
FGH12040WD
|
812Kb / 10P |
IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4 |
|
FGH4L50T65MQDC50
|
311Kb / 9P |
IGBT - Power, Co-PAK N-Channel, Field Stop IV, MQ (Medium Speed), TO247-4L 650 V, 1.45 V, 50 A
October, 2022 - Rev. 1 |
|
FGY100T120RWD
|
283Kb / 9P |
IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), SCR, Power TO247-3L, 1200V, 1.4V, 100A
November, 2022 - Rev. 1 |
|
FGY75T120SWD
|
287Kb / 9P |
IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), Non SCR, Power TO247-3L, 1200V, 1.7V, 75A
November, 2022 - Rev. 1 |
|
FGH4L75T65MQDC50
|
313Kb / 9P |
IGBT - Power, Co-PAK N-Channel, Field Stop IV, MQ (Medium Speed), TO247-4L 650 V, 1.45 V, 75 A
October, 2022 - Rev. 0 |
|
FGY100T120SWD
|
286Kb / 8P |
IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 100 A
March, 2023 - Rev. 0 |
|
FGY60T120SWD
|
291Kb / 8P |
IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 60 A
March, 2023 - Rev. 0 |
|
FGHL40T120RWD
|
449Kb / 9P |
IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), SCR, TO247-3L 1200 V, 1.5 V, 40 A
June, 2023 - Rev. 0 |
|
FGHL60T120RWD
|
379Kb / 9P |
IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), SCR, TO247-3L 1200 V, 1.5 V, 60 A
June, 2023 - Rev. 1 |