Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

140-512-415-001 Arkusz danych (PDF) - EDAC, All Rights Reserved.

140-512-415-001 Datasheet PDF - EDAC, All Rights Reserved.
Numer części 140-512-415-001
Pobierz  140-512-415-001 Pobierz
Rozmiar pliku   74.34 Kbytes
Page   1 Pages
Producent  EDAC [EDAC, All Rights Reserved.]
Strona internetowa  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Szczegółowy opis 140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch

140-512-415-001 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
140-512-415-001 Datasheet PDF - EDAC, All Rights Reserved.

Numer części 140-512-415-001
Pobierz  140-512-415-001 Click to download

Rozmiar pliku   74.34 Kbytes
Page   1 Pages
Producent  EDAC [EDAC, All Rights Reserved.]
Strona internetowa  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Szczegółowy opis 140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch

140-512-415-001 Arkusz danych (HTML) - EDAC, All Rights Reserved.


140-512-415-001 Szczegóły Produktu

Features

  • 0.079" (2.00mm) contact spacing
  • For use with P.C. board thickness: 0.047" (1.20mm) ~ 0.062" (1.60mm)
  • Low profile insulator body, 0.185" (4.70mm) width 0.240" (6.10mm) height
  • Contact termination options include: P.C. Tail, surface mount
  • Top entry or side entry configurations
  • Board retention contacts available
  • Designed for high-density connection of internal wires to PCB




Podobny numer części - 140-512-415-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EDAC, All Rights Reserv...
140-512-415-001 EDAC-140-512-415-001 Datasheet
290Kb / 7P
140 Series In-Line Connectors | Wire to Board | 2.00mm Pitch
More results


Podobny opis - 140-512-415-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EDAC, All Rights Reserv...
140-SERIES EDAC-140-SERIES Datasheet
290Kb / 7P
140 Series In-Line Connectors | Wire to Board | 2.00mm Pitch
140-503-415-100 EDAC-140-503-415-100 Datasheet
71Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-505-415-100 EDAC-140-505-415-100 Datasheet
71Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-506-210-011 EDAC-140-506-210-011 Datasheet
68Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-507-415-100 EDAC-140-507-415-100 Datasheet
72Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-508-415-000 EDAC-140-508-415-000 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-512-415-100 EDAC-140-512-415-100 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-512-417-060 EDAC-140-512-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-513-417-060 EDAC-140-513-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-515-417-060 EDAC-140-515-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com