Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5KP48C Arkusz danych (PDF) - UN Semiconducctor INC

5KP48C Datasheet PDF - UN Semiconducctor INC
Numer części 5KP48C
Pobierz  5KP48C Pobierz
Rozmiar pliku   4150.85 Kbytes
Page   8 Pages
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Szczegółowy opis 5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)

5KP48C Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
5KP48C Datasheet PDF - UN Semiconducctor INC

Numer części 5KP48C
Pobierz  5KP48C Click to download

Rozmiar pliku   4150.85 Kbytes
Page   8 Pages
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Szczegółowy opis 5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)

5KP48C Arkusz danych (HTML) - UN Semiconducctor INC


5KP48C Szczegóły Produktu

Features
Glass passivated chip junction in P600 Package
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
5000W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
Typical IR less than 5μA above 9V
High Temperature soldering: 260°C/40 seconds at terminals
Typical maximum temperature coefficient
ΔVBR = 0.1% × VBR@25°C× ΔT
Plastic package has Underwriters Laboratory Flammability 94V-0
Matte tin lead–free Plated
Halogen free and RoHS compliant
Typical failure mode is short from over-specified voltage or current
Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)




Podobny numer części - 5KP48C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
5KP48C SURGE-5KP48C Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP48C TRSYS-5KP48C Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP48C WTE-5KP48C Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
5KP48C FORMOSA-5KP48C Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
5KP48C EIC-5KP48C Datasheet
119Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Podobny opis - 5KP48C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
5.0SMDJ UNSEMI-5.0SMDJ Datasheet
4Mb / 8P
11 To 440V 5000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com