Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

15KP26AS Arkusz danych (PDF) - UN Semiconducctor INC

15KP26AS Datasheet PDF - UN Semiconducctor INC
Numer części 15KP26AS
Pobierz  15KP26AS Pobierz
Rozmiar pliku   3026.47 Kbytes
Page   5 Pages
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Szczegółowy opis Axial Lead Transient Voltage Suppressors 20 To 36V 15000W

15KP26AS Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
15KP26AS Datasheet PDF - UN Semiconducctor INC

Numer części 15KP26AS
Pobierz  15KP26AS Click to download

Rozmiar pliku   3026.47 Kbytes
Page   5 Pages
Producent  UNSEMI [UN Semiconducctor INC]
Strona internetowa  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Szczegółowy opis Axial Lead Transient Voltage Suppressors 20 To 36V 15000W

15KP26AS Arkusz danych (HTML) - UN Semiconducctor INC


15KP26AS Szczegóły Produktu

Features
A
JEDEC R-6/P-600 Molded Plastic .
Glass passivated chip junction in R-6/P600 package .
15000 W peak pulse power capability with a 10/1000 us
waveform, repetitive rate (duty cycle):0.01 % .
Low leakage .
Excellent clamping capability .
Very fast response time .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
Meet with ISO 7637-2,ISO 16750,etc .
High reliability application and automotive grade AEC Q101 qualifhed.




Podobny numer części - 15KP26AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
15KP26A EIC-15KP26A Datasheet
42Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP26A MICROSEMI-15KP26A Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Littelfuse
15KP26A LITTELFUSE-15KP26A Datasheet
101Kb / 3P
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
Protek Devices
15KP26A PROTEC-15KP26A Datasheet
65Kb / 5P
POWER TVS COMPONENT
logo
Pan Jit International I...
15KP26A PANJIT-15KP26A Datasheet
58Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Podobny opis - 15KP26AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
Axial Lead Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
15KP17CA HUAXINAN-15KP17CA Datasheet
363Kb / 5P
15000W Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
15KP17A YFWDIODE-15KP17A Datasheet
623Kb / 5P
15000W Axial Leaded Transient Voltage Suppressors
logo
UN Semiconducctor INC
15KP UNSEMI-15KP Datasheet
3Mb / 6P
17 To 280V 15000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com