| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 ON Semiconductor |
NXH006P120MNF2PTG
|
1Mb / 10P |
Silicon Carbide (SiC) Module – EliteSiC, 6 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F2 Package
February, 2023 - Rev. 4 |
|
NXH010P120MNF1PTNG
|
1Mb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 10 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F1 Package
February, 2023 - Rev. P4 |
|
NXH010P90MNF1PTG
|
1Mb / 14P |
Silicon Carbide (SiC) Module – EliteSiC, 10 mohm SiC M2 MOSFET, 900 V, 2-PACK Half Bridge Topology, F1 Package
February, 2023 - Rev. P3 |
|
NXH020P120MNF1PTG
|
1Mb / 14P |
Silicon Carbide (SiC) Module – EliteSiC, 20 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F1 Package
February, 2023 - Rev. P2 |
|
NXH040P120MNF1PTG
|
1Mb / 8P |
Silicon Carbide (SiC) Module – EliteSiC, 40 mohm SiC M1 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F1 Package
February, 2023 - Rev. P1 |
|
NXH003P120M3F2PTHG
|
2Mb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 3 mohm SiC M3 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F2 Package with HPS DBC
April, 2023 - Rev. P1 |
|
NXH004P120M3F2PTHG
|
2Mb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 4 mohm SiC M3 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F2 Package with HPS DBC
April, 2023 - Rev. P1 |
|
NXH003P120M3F2PTNG
|
2Mb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 3 mohm SiC M3 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F2 Package with Si3N4 DBC
July, 2023 - Rev. 0 |
|
NXH004P120M3F2PTNG
|
2Mb / 13P |
Silicon Carbide (SiC) Module – EliteSiC, 4 mohm SiC M3 MOSFET, 1200 V, 2-PACK Half Bridge Topology, F2 Package with Si3N4 DBC
July, 2023 - Rev. 0 |
|
NXH011F120M3F2PTHG
|
518Kb / 12P |
Silicon Carbide (SiC) Module – EliteSiC, 11 mohm, 1200 V, SiC M3S MOSFET, Full Bridge, F2 Package
November, 2023 - Rev. P1 |