Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DLP2021AFQUQ1 Arkusz danych (PDF) - Texas Instruments

DLP2021AFQUQ1 Datasheet PDF - Texas Instruments
Numer części DLP2021AFQUQ1
Pobierz  DLP2021AFQUQ1 Pobierz
Rozmiar pliku   1213.58 Kbytes
Page   32 Pages
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments
Szczegółowy opis DLP2021-Q1 0.2-Inch 16:9 Digital Micromirror Device

DLP2021AFQUQ1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DLP2021AFQUQ1 Datasheet PDF - Texas Instruments

Numer części DLP2021AFQUQ1
Pobierz  DLP2021AFQUQ1 Click to download

Rozmiar pliku   1213.58 Kbytes
Page   32 Pages
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments
Szczegółowy opis DLP2021-Q1 0.2-Inch 16:9 Digital Micromirror Device

DLP2021AFQUQ1 Arkusz danych (HTML) - Texas Instruments


DLP2021AFQUQ1 Szczegóły Produktu

1 Features
• Qualified for automotive applications
– An operating DMD array temperature range of
–40°C to 105°C
• 0.2-inch diagonal micromirror array
– 7.6-μm micromirror pitch
– ±12° micromirror tilt angle (relative to flat state)
– Side illumination for reduced system size
• 16:9 (588 × 330) input resolution
• Polarization-independent spatial light modulator
• Compatible with LED or laser light sources
• Low-power consumption: 260 mW (maximum)
• Hermetic package
• 80-MHz double data rate (DDR) digital micromirror
device (DMD) interface

2 Applications
• Dynamic ground projection
• Interior and exterior vehicle video projection

3 Description
The DLP2021-Q1 automotive digital micromirror
device (DMD) is designed for automotive exterior light
control and display applications. Applications include
ground projection that displays full color and animated
and dynamic content. Ground projections help to
facilitate vehicle-to-pedestrian (V2P) communication,
such as back-up and door-open warnings, and
orchestrate vehicle communication systems and
vehicle personalization options. Due to their small
form factor and low power operation, projectors with
the DLP2021-Q1 chipset can support many projection
applications. They can be placed in many locations in
the car, including inside the side mirror, door panel,
tail light, front grill, and more.




Podobny numer części - DLP2021AFQUQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DLP2021AFQUQ1 TI2-DLP2021AFQUQ1 Datasheet
1Mb / 31P
DLP2021-Q1 0.2-Inch 16:9 Digital Micromirror Device
REVISED DECEMBER 2023
DLP2021AFQUQ1.A TI2-DLP2021AFQUQ1.A Datasheet
1Mb / 31P
DLP2021-Q1 0.2-Inch 16:9 Digital Micromirror Device
REVISED DECEMBER 2023
DLP2021AFQUQ1.B TI2-DLP2021AFQUQ1.B Datasheet
1Mb / 31P
DLP2021-Q1 0.2-Inch 16:9 Digital Micromirror Device
REVISED DECEMBER 2023
More results


Podobny opis - DLP2021AFQUQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DLPC910 TI1-DLPC910 Datasheet
2Mb / 50P
Digital Controller for the DLP9000XFLS Digital Micromirror Device
logo
WAGO Kontakttechnik Gmb...
750-1406 WAGO-750-1406 Datasheet
565Kb / 12P
16-channel digital input; 24 VDC; 0.2 ms
logo
Texas Instruments
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP2021-Q1 TI-DLP2021-Q1 Datasheet
1Mb / 30P
DLP2021-Q1 0.2-Inch 16:9 DMD
FEBRUARY 2022
logo
Quelighting Corp
QLCDDD201YG-315 QUELIGHTING-QLCDDD201YG-315 Datasheet
754Kb / 10P
0.2 inch SMD Digit Display
1.0 06--2021
logo
Texas Instruments
DLP4620S-Q1 TI-DLP4620S-Q1 Datasheet
1Mb / 36P
DLP4620S-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Interior Display
DECEMBER 2022
DLP4621-Q1 TI-DLP4621-Q1 Datasheet
1Mb / 37P
DLP4621-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Exterior Lighting
DECEMBER 2022
DLP550HE TI-DLP550HE Datasheet
1Mb / 44P
DLP550HE 0.55 SVGA Digital Micromirror Device
APRIL 2023
DLP230NP TI-DLP230NP_V01 Datasheet
2Mb / 43P
DLP230NP and DLP230NPSE .23 1080P Digital Micromirror Devices
REVISED APRIL 2023
DLP651LE TI-DLP651LE Datasheet
1Mb / 41P
DLP651LE 0.65 WXGA Digital Micromirror Device
OCTOBER 2023
More results




O Texas Instruments


Texas Instruments (TI) to publicznie notowana firma, która projektuje i produkuje produkty półprzewodników i technologii komputerowych.

Został założony w 1930 roku i ma siedzibę w Dallas w Teksasie.

TI jest globalnym liderem w produkcji obwodów zintegrowanych analogowych i cyfrowych (DSP), a także wbudowanych procesorów i innych produktów mikrokontrolerów.

Firma obsługuje klientów w różnych branżach, w tym w elektronice motoryzacyjnej, komunikacyjnej, komputerowej, przemysłowej i konsumpcyjnej.

Portfolio produktów TI obejmuje między innymi konwertery danych, wzmacniacze i komparatory, układy powiększające się, mikrokontrolery, czujniki i rozwiązania łączności bezprzewodowej.

TI jest zaangażowany w innowacje i satysfakcję klientów i ma długą historię dostarczania klientom wysokiej jakości, niezawodnych produktów.

Koncentrując się na zrównoważonym rozwoju i efektywności energetycznej, TI poświęcono pozytywnemu wpływowi na świat poprzez technologię i produkty.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com