Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RST2228 Arkusz danych (PDF) - Siemens Semiconductor Group

RST2228 Datasheet PDF - Siemens Semiconductor Group
Numer części RST2228
Pobierz  RST2228 Pobierz
Rozmiar pliku   1888.54 Kbytes
Page   12 Pages
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Szczegółowy opis 19” Layer 2 IEEE 1588 rack switches with 10 Gbit/s uplinks

RST2228 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
RST2228 Datasheet PDF - Siemens Semiconductor Group

Numer części RST2228
Pobierz  RST2228 Click to download

Rozmiar pliku   1888.54 Kbytes
Page   12 Pages
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Szczegółowy opis 19” Layer 2 IEEE 1588 rack switches with 10 Gbit/s uplinks

RST2228 Arkusz danych (HTML) - Siemens Semiconductor Group


RST2228 Szczegóły Produktu

Features
Hardware
The RUGGEDCOM RST2228 has been specifically
designed and certified for industrial applications
such as electric power, transportation systems and
oil&gas applications.
Power supply
• Integrated power supply
• Universal high-voltage range: 88-300 VDC / 85-264 VAC
Harsh environments
As with all RUGGEDCOM products, Highly Accelerated
Life Testing (HALT) has been used in the early stages
of product development – to detect any design or
performance issues.
• Temperature: -40° C to +85° C (fanless)
• Safety: CSA/UL 60950
• Vibration: IEC 60255-21-1, Class 2
• Shock: IEC 60255-21-2, Class 2
• Humidity: IEC 60068-2-30, up to 95% relative humidity
Certifications
• IEC 61850-3 (electric substations)
• IEEE 1613 (electric substations)
• IEC 61000-6-2 (industrial environments)
Certifications in progress
• NEMA TS-2 (traffic control equipment)
• EN 50121-4 (railway applications)
Power-over-Ethernet (RUGGEDCOM RST2228P only)
The RUGGEDCOM RST2228P comes with up to 24
Power-over-Ethernet (PoE) interfaces supporting
IEEE 802.3at/802.3bt (draft with a shared power budget
from 500 Watt.) The individual ports have a maximum
of 60 Watt. For Power-over-Ethernet connections an
external power input is necessary.
Configuration interfaces
The RUGGEDCOM RST2228 is equipped with a USB
interface which enables easy in field configuration
and upgrading. The CLP interfaces allow for fast and simple
replacement devices in the field with the RUGGEDCOM CLP.
This helps to reduce downtimes when errors occur.
Software
The RUGGEDCOM RST2228 runs on Rugged Operating
System (ROS®) and delivers high performance switching.
ROS® supports the standard network technologies, such
as Rapid Spanning Tree Protocol (RSTP), Multiple Spanning
Tree Protocol (MSTP), Remote Monitoring (RMON), Simple
Network Management Protocol (SNMP) and others,
including proprietary protocol enhancements such as
Siemens eRSTP (enhanced Rapid Spanning Tree Protocol)
and Fast Root Failover (FRF).
Software features
• Quality of service (802.1p) for traffic prioritization
• NTP time synchronization (client and server)
• Smart power management for PoE interfaces
• Port rate and Broadcast Storm Limiting
• Port configuration, status, statistics, mirroring
• Simple Management interface through WebUI
and console interface
• Single file configuration ensures easy installation
and configuration control
Cyber security
Cyber security is an important issue in many industries
where advanced automation and communications
networks play a crucial role in mission critical applications
and where high reliability is of paramount importance.
Key RUGGEDCOM RST2228 features that address security
issues at the local area network level include:
• Passwords – support for multiple access levels with
separate credentials for each level
• SSH / SSL – extends capability of password protection
to add encryption of passwords and data as they cross
the network
• Enable / disable ports – capability to disable ports so
unauthorized devices can’t connect to unused ports
• SNMPv3 – encrypted authentication and access security
• HTTPS – for secure access to the web interface
• 802.1x – to ensure only permitted devices can connect
to the device
• MAC address authentication – control access to devices
that do not support RADIUS




Podobny numer części - RST2228

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
RST2 BEL-RST2 Datasheet
98Kb / 2P
Time Lag Radial Lead Micro Fuse Series
logo
Texas Instruments
RST2 TI1-RST2 Datasheet
1Mb / 26P
a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
Bel Fuse Inc.
RST2 BEL-RST2 Datasheet
1Mb / 4P
TYPE RST
RST2 BEL-RST2 Datasheet
1Mb / 4P
TIME LAG RADIAL LEAD MICOR FUSE SERIES
RST2.5 BEL-RST2.5 Datasheet
98Kb / 2P
Time Lag Radial Lead Micro Fuse Series
More results


Podobny opis - RST2228

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PMC-Sierra, Inc
PM5390 PMC-PM5390 Datasheet
100Kb / 2P
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
2.4 Gbit/s ATM Layer Solution
logo
Vectron International, ...
C5315 VECTRON-C5315 Datasheet
93Kb / 4P
2, 5, 10 Gbit/s standard Sonet / SDH
logo
Connor-Winfield Corpora...
DV75C CONNOR-WINFIELD-DV75C Datasheet
494Kb / 4P
IEEE 1588 Applications
logo
Integrated Device Techn...
82P33910 IDT-82P33910 Datasheet
125Kb / 4P
Synchronization System for IEEE 1588
82P33931-1 IDT-82P33931-1 Datasheet
125Kb / 4P
Synchronization System for IEEE 1588
logo
MTRONPTI
M610X MTRONPTI-M610X_12 Datasheet
405Kb / 2P
IEEE 1588 & Synchronous Ethernet
logo
Weidmuller
2778990000 WEIDMULLER-2778990000 Datasheet
195Kb / 6P
Layer 2 Network Switch, 19
November 4, 2021
2779000000 WEIDMULLER-2779000000 Datasheet
193Kb / 5P
Layer 2 Network Switch, 19 rack mount
November 4, 2021
logo
Renesas Technology Corp
82P33931 RENESAS-82P33931 Datasheet
345Kb / 5P
Synchronization System for IEEE 1588
April 5, 2017
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com