Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SRE11VT54F2021 Arkusz danych (PDF) - Apex Electronics Co., Ltd

SRE11VT54F2021 Datasheet PDF - Apex Electronics Co., Ltd
Numer części SRE11VT54F2021
Pobierz  SRE11VT54F2021 Pobierz
Rozmiar pliku   642.03 Kbytes
Page   4 Pages
Producent  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Strona internetowa  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Szczegółowy opis Rotary encoder switch, 11mm diameter, metal shaft & bushing

SRE11VT54F2021 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SRE11VT54F2021 Datasheet PDF - Apex Electronics Co., Ltd

Numer części SRE11VT54F2021
Pobierz  SRE11VT54F2021 Click to download

Rozmiar pliku   642.03 Kbytes
Page   4 Pages
Producent  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Strona internetowa  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Szczegółowy opis Rotary encoder switch, 11mm diameter, metal shaft & bushing

SRE11VT54F2021 Arkusz danych (HTML) - Apex Electronics Co., Ltd


SRE11VT54F2021 Szczegóły Produktu

Features
Durable metal shaft & bushing
8, 15, 16, 20 Purse per Revolution
Low-noise design for 120RPM or 180RPM max.
Momentary switch available
Up to 100,000 long-life cycles
Excellent detent feel
Applications
Panel control with continuous rotation. Popular for applications in
terms of audio, video, medical, industrial, or home appliance.




Podobny numer części - SRE11VT54F2021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Apex Electronics Co., L...
SRE11DHTBXXXXX121X APEX-ELECTRONICS-SRE11DHTBXXXXX121X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DHTBXXXXX122X APEX-ELECTRONICS-SRE11DHTBXXXXX122X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DHTBXXXXX241X APEX-ELECTRONICS-SRE11DHTBXXXXX241X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DHTBXXXXX242X APEX-ELECTRONICS-SRE11DHTBXXXXX242X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
SRE11DVTBXXXXX121X APEX-ELECTRONICS-SRE11DVTBXXXXX121X Datasheet
921Kb / 6P
12mm Rotary Encoder, illumination, vertical & horizontal mount
More results


Podobny opis - SRE11VT54F2021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
8182 BOURNS-8182 Datasheet
262Kb / 5P
Metal shaft and bushing
logo
Bi technologies
EN11 BITECH-EN11 Datasheet
584Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
P110KV BITECH-P110KV Datasheet
366Kb / 4P
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
EN11 BITECH-EN11_11 Datasheet
144Kb / 4P
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
11mm Rotary Encoder
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
logo
Bi technologies
EN11 BITECH-EN11_15 Datasheet
125Kb / 4P
11mm Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com