Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1084538 Arkusz danych (PDF) - PHOENIX CONTACT

1084538 Datasheet PDF - PHOENIX CONTACT
Numer części 1084538
Pobierz  1084538 Pobierz
Rozmiar pliku   202.41 Kbytes
Page   6 Pages
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Szczegółowy opis CAC-MCC1012266/D - Assembled PCB connectors

1084538 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
1084538 Datasheet PDF - PHOENIX CONTACT

Numer części 1084538
Pobierz  1084538 Click to download

Rozmiar pliku   202.41 Kbytes
Page   6 Pages
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Szczegółowy opis CAC-MCC1012266/D - Assembled PCB connectors

1084538 Arkusz danych (HTML) - PHOENIX CONTACT


1084538 Szczegóły Produktu

Assembled PCB connector / Connecting cable with 2 printed circuit board connectors, rated
current: 6 A, cable length: Free input (0.1 ... 3.0 m), Head 1: 2-position , Crimp connection ,
Socket, Color: black, Cable type:Individual litz wire, PVC, 22 AWG, black, Head 2: 2-position,
Crimp connection , Socket, Color: black, Cable type:Individual litz wire, PVC, 20 AWG, black,
Individual litz wire, PVC, 22 AWG, black

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Small component size for applications where space is at a premium
• Simple and safe: 100% electrically tested and assembled ready for use
• Approval in accordance with UL standard “Wiring Harness Traceability Program”




Podobny numer części - 1084538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
1084530 PHOENIX-1084530 Datasheet
324Kb / 7P
CAC-CDDC1016519/D - Assembled PCB connectors
1084531 PHOENIX-1084531 Datasheet
324Kb / 7P
CAC-CDDC1016526/D - Assembled PCB connectors
1084532 PHOENIX-1084532 Datasheet
211Kb / 6P
CAC-MSTBC1808816/D - Assembled PCB connectors
1084533 PHOENIX-1084533 Datasheet
198Kb / 6P
CAC-PTCM1015464/1015242 - Assembled PCB connectors
1084534 PHOENIX-1084534 Datasheet
197Kb / 6P
CAC-PTCM1015463/1015243 - Assembled PCB connectors
More results


Podobny opis - 1084538

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dubilier
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
logo
CW Industries
CWR-141-10-0000 CWIND-CWR-141-10-0000 Datasheet
132Kb / 4P
PCB Connectors
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
PCB CONNECTORS
logo
Glenair, Inc.
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
PCB Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
PCB Micro-D Filter Connectors
logo
Precid-Dip Durtal SA
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
PCB CONNECTORS
logo
IOGEAR
GSR202 IOGEAR-GSR202 Datasheet
155Kb / 3P
USB CAC Reader (TAA compliant)
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com