Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1135P Arkusz danych (PDF) - Wuxi Broadcom Microelectronics Technology Co., Ltd

G1135P Datasheet PDF - Wuxi Broadcom Microelectronics Technology Co., Ltd
Numer części G1135P
Pobierz  G1135P Pobierz
Rozmiar pliku   577.35 Kbytes
Page   10 Pages
Producent  GLOBAL [Wuxi Broadcom Microelectronics Technology Co., Ltd]
Strona internetowa  http://www.globalsemi-group.com/
Logo GLOBAL - Wuxi Broadcom Microelectronics Technology Co., Ltd
Szczegółowy opis High Precision CC/CV Primary-Side PWM Power Switch

G1135P Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
G1135P Datasheet PDF - Wuxi Broadcom Microelectronics Technology Co., Ltd

Numer części G1135P
Pobierz  G1135P Click to download

Rozmiar pliku   577.35 Kbytes
Page   10 Pages
Producent  GLOBAL [Wuxi Broadcom Microelectronics Technology Co., Ltd]
Strona internetowa  http://www.globalsemi-group.com/
Logo GLOBAL - Wuxi Broadcom Microelectronics Technology Co., Ltd
Szczegółowy opis High Precision CC/CV Primary-Side PWM Power Switch

G1135P Arkusz danych (HTML) - Wuxi Broadcom Microelectronics Technology Co., Ltd


G1135P Szczegóły Produktu

Description
G1135P is a high performance offline PWM
Power switch for low power AC/DC charger and
adaptor applications up to 12W.It operates in
primary-side regulation. Consequently,
opto-coupler and TL431 could be eliminated.
Proprietary Constant Voltage (CV) and Constant
Current (CC) control is integrated as shown In
the Fig.1. In CC control,the current and output
power setting can be adjusted externally by the
sense resistor RS at CS pin. In CV control,
multi-mode operations are utilized to achieve
high performance and high efficiency.
In addition, good load regulation is achieved by
the built-in cable drop compensation. Device
operates in PFM in CC mode as well at large load
condition and it operates in PWM with frequency
reduction at light/medium load.
G1135P offers power on soft start control and
protection coverage with auto-recovery features
including Cycle-by-Cycle current limiting, VDD
OVP, VDD clamp and UVLO. Excellent EMI
performance is achieved with frequency jitter
technique.

Features
◆ 5% CV and CC Regulation at Universal
AC input
◆ Primary-side Regulation Without TL431
and Opto-coupler
◆ Built-in High-Voltage Power MOS
◆ Programmable CV and CC Regulation
◆ Adjustable Constant Current and Output
Power Setting
◆ Built-in Secondary Constant Current
Control with Primary Side Feedback
◆ Built-in Primary winding inductance
compensation
◆ Programmable cable drop compensation
◆ Built-in Leading Edge Blanking (LEB)
◆ Power on Soft-start
◆ Built-in adaptive current peak regulation
◆ Cycle-by-Cycle Current Limiting
◆ VDD Under Voltage Lockout with
Hysteresis (UVLO)
◆ VDD OVP and VDD Clamp
◆ Pb-free DIP-7

Applications
◆ Cell Phone Charger
◆ Digital Cameras Charger
◆ LED Driver
◆ Small Power Adaptor
◆ Auxiliary Power for PC, TV etc.
◆ Linear Regulator/RCC Replacement




Podobny numer części - G1135P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
G1135 ETC2-G1135 Datasheet
81Kb / 2P
Heyco Rubber Grommets
G1135 ETC2-G1135 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
Heyco.
G1135 HEYCO-G1135 Datasheet
91Kb / 1P
Rubber Grommets
More results


Podobny opis - G1135P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651 UTC-US3651 Datasheet
205Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com