| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Amkor Technology |
SOD123-FL
|
446Kb / 2P |
Bare copper leadframe with no plating
|
|
SOD128-FL
|
445Kb / 2P |
Bare copper leadframe with no plating
|
|
TSON8-FL
|
740Kb / 2P |
Bare copper leadframe with no plating
|
 List of Unclassifed Man... |
1345253
|
101Kb / 3P |
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
|
|
1346517
|
105Kb / 3P |
Series 59 20 AWG solid .032 bare copper-covered steel conductor
|
|
1347027
|
102Kb / 3P |
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
|
|
543945
|
24Kb / 3P |
20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.
|
 OptoDiode Corp |
ODD-SXU-051
|
287Kb / 2P |
PHOTODIODE 20 mm2
|
|
SXUV20C
|
287Kb / 2P |
PHOTODIODE 20 mm2
|
|
UVG20C
|
368Kb / 2P |
PHOTODIODE 20 mm2
|