Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

033R5NT Arkusz danych (PDF) - Silan Microelectronics Joint-stock

033R5NT Datasheet PDF - Silan Microelectronics Joint-stock
Numer części 033R5NT
Pobierz  033R5NT Pobierz
Rozmiar pliku   272.17 Kbytes
Page   7 Pages
Producent  SILAN [Silan Microelectronics Joint-stock]
Strona internetowa  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Szczegółowy opis 180A, 30V N-CHANNEL MOSFET

033R5NT Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
033R5NT Datasheet PDF - Silan Microelectronics Joint-stock

Numer części 033R5NT
Pobierz  033R5NT Click to download

Rozmiar pliku   272.17 Kbytes
Page   7 Pages
Producent  SILAN [Silan Microelectronics Joint-stock]
Strona internetowa  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Szczegółowy opis 180A, 30V N-CHANNEL MOSFET

033R5NT Arkusz danych (HTML) - Silan Microelectronics Joint-stock


033R5NT Szczegóły Produktu

DESCRIPTION
The SVT033R5NT is an N-channel enhancement mode power MOS
field effect transistor which is produced using Silan's LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance.
This device is widely used in the fields of uninterruptible power
supplies and power management of inverter systems.

FEATURES
 180A, 30V, RDS(on)(typ.)=2.8m@VGS=10V
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability




Podobny numer części - 033R5NT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
France Joint
033 FRANCEJOINT-033 Datasheet
254Kb / 1P
SANITARY SEALS
logo
Pro-Power
033 PROPOWER-033 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
logo
WAGO Kontakttechnik Gmb...
033-000 WAGO-033-000 Datasheet
151Kb / 5P
Female plug 5 pole pin spacing 3.5 mm / 0.138 in 100% protected against mismating with codig fingers
17.02.2012
logo
Magnetrol International...
033-4740-001 MAGNETROL-033-4740-001 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
033-4741-002 MAGNETROL-033-4741-002 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
More results


Podobny opis - 033R5NT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
logo
Shindengen Electric Mfg...
P180FP4SN SHINDENGEN-P180FP4SN Datasheet
1Mb / 7P
Power MOSFETs 40V, 180A, N-channel
P180FP6SN SHINDENGEN-P180FP6SN Datasheet
1Mb / 7P
Power MOSFETs 60V, 180A, N-channel
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com