Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSD18CDYFRQ1 Arkusz danych (PDF) - Texas Instruments

TSD18CDYFRQ1 Datasheet PDF - Texas Instruments
Numer części TSD18CDYFRQ1
Pobierz  TSD18CDYFRQ1 Pobierz
Rozmiar pliku   908.03 Kbytes
Page   23 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications

TSD18CDYFRQ1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TSD18CDYFRQ1 Datasheet PDF - Texas Instruments

Numer części TSD18CDYFRQ1
Pobierz  TSD18CDYFRQ1 Click to download

Rozmiar pliku   908.03 Kbytes
Page   23 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications

TSD18CDYFRQ1 Arkusz danych (HTML) - Texas Instruments


TSD18CDYFRQ1 Szczegóły Produktu

1 Features
• ISO 10605 (330pF, 330 Ohm) ESD protection:
– ±30kV contact discharge (±27kV for TSD36CQ1)
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6.5-15A (8/20 μs)
• Low IO capacitance < 7pF (typical)
• Ultra low leakage current: 10nA (maximum)
• Industrial temperature range: –55°C to +150°C
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)

2 Applications
• I/O Protection
• Power Line Protection
• USB VBUS
• Body Electronics & Lighting
• Hybrid, Electric, & Powertrain Systems

3 Description
The TSDxxC-Q1 are a family of bidirectional TVS
protection diodes designed for clamping harmful
transients such as ESD and surge in automotive
applications. The TSDxxC-Q1 devices are rated to
dissipate ESD strikes up to ±30kV (contact and air
gap discharge) which exceeds the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4).
Combining the robust clamping performance and
low capacitance of these devices, TSDxxC-Q1 are
excellent TVS diodes to protect both data lines and
power lines in many different applications.
The TSDxxC-Q1 family is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.




Podobny numer części - TSD18CDYFRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSD18CDYFRQ1 TI-TSD18CDYFRQ1 Datasheet
909Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD18CDYFRQ1 TI2-TSD18CDYFRQ1 Datasheet
877Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD18CDYFRQ1.B TI2-TSD18CDYFRQ1.B Datasheet
877Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
More results


Podobny opis - TSD18CDYFRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
logo
Protek Devices
GBLC PROTEC-GBLC Datasheet
498Kb / 7P
SOD-323 PACKAGE
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
445Kb / 7P
SOD-323 PACKAGE
PESD1LIN PROTEC-PESD1LIN_15 Datasheet
388Kb / 6P
SOD-323 PACKAGE
logo
Shanghai Semitech Semic...
GBLC03CI SEMITECH-GBLC03CI Datasheet
127Kb / 3P
Small SOD-323 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMS-282Z AVAGO-HSMS-282Z Datasheet
230Kb / 5P
RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
logo
Foshan Blue Rocket Elec...
BAV19WS FOSHAN-BAV19WS Datasheet
1Mb / 6P
Silicon Diode in a SOD-323 Plastic Package
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05C TI1-TSD05C_V01 Datasheet
878Kb / 15P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
REVISED JULY 2023
More results




O Texas Instruments


Texas Instruments (TI) to publicznie notowana firma, która projektuje i produkuje produkty półprzewodników i technologii komputerowych.

Został założony w 1930 roku i ma siedzibę w Dallas w Teksasie.

TI jest globalnym liderem w produkcji obwodów zintegrowanych analogowych i cyfrowych (DSP), a także wbudowanych procesorów i innych produktów mikrokontrolerów.

Firma obsługuje klientów w różnych branżach, w tym w elektronice motoryzacyjnej, komunikacyjnej, komputerowej, przemysłowej i konsumpcyjnej.

Portfolio produktów TI obejmuje między innymi konwertery danych, wzmacniacze i komparatory, układy powiększające się, mikrokontrolery, czujniki i rozwiązania łączności bezprzewodowej.

TI jest zaangażowany w innowacje i satysfakcję klientów i ma długą historię dostarczania klientom wysokiej jakości, niezawodnych produktów.

Koncentrując się na zrównoważonym rozwoju i efektywności energetycznej, TI poświęcono pozytywnemu wpływowi na świat poprzez technologię i produkty.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com