Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS36 Arkusz danych (PDF) - Texas Instruments

TPS36 Datasheet PDF - Texas Instruments
Numer części TPS36
Pobierz  TPS36 Pobierz
Rozmiar pliku   1777.73 Kbytes
Page   43 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer

TPS36 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TPS36 Datasheet PDF - Texas Instruments

Numer części TPS36
Pobierz  TPS36 Click to download

Rozmiar pliku   1777.73 Kbytes
Page   43 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer

TPS36 Arkusz danych (HTML) - Texas Instruments


TPS36 Szczegóły Produktu

1 Features
• Factory programmed or user-programmable
watchdog timeout
– ±10% Accurate timer (maximum)
– Factory programmed: 1 msec to 100 sec
• Factory programmed or user-programmable reset
delay
– ±10% Accurate timer (maximum)
– Factory programmed option: 2 msec to 10 sec
• Input voltage range: VDD = 1.04 V to 6.0 V
• Fixed threshold voltage (VIT-): 1.05 V to 5.4 V
– Threshold voltage available in 50 mV steps
– 1.2% Voltage threshold accuracy (maximum)
– Built-in hysteresis (VHYS): 5% (typical)
• Ultra low supply current: IDD = 250 nA (typical)
• Open-drain, push-pull; active-low outputs
• Various programmability options:
– Watchdog enable-disable
– Watchdog startup delay: no delay to 10 sec
– On the fly timer extension: 1X to 256X
– Latched output option
• MR functionality support

2 Applications
• Robot servo drive
• Mixed module (AI, AO, DI, DO)
• HVAC controller
• Electricity meter
• Infusion pump
• Surgical equipment

3 Description
The TPS35 is an ultra-low power consumption
(250 nA typical) device offering a precision voltage
supervisor with a programmable timeout watchdog
timer. The TPS35 supports wide threshold levels for
undervoltage supervision with 1.2% accuracy across
the specified temperature range.
The TPS35 offers a high accuracy timeout watchdog
timer with a host of features for a wide variety of
applications. The timeout watchdog timer can be
factory programmed or user programmed using an
external capacitor. The timer value can be changed
on-the-fly using a combination of logic pins. The
watchdog also offers unique features such as enabledisable,
start-up delay, independent WDO pin option.
The RESET or WDO delay can be set by factoryprogrammed
default delay settings or programmed by
an external capacitor. The device also offers a latched
output operation where the output is latched until the
supervisor or watchdog fault is cleared.
The TPS35 provides a performance upgrade
alternative to TPS3851 device family. The TPS35 is
available in a small 6-pin WSON and 8-pin SOT-23
package.




Podobny numer części - TPS36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS36 TI-TPS36 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS36 TI-TPS36 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS36 TI-TPS36 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS36 TI1-TPS36 Datasheet
2Mb / 47P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS36 TI1-TPS36 Datasheet
1Mb / 44P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
DECEMBER 2023
More results


Podobny opis - TPS36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS3435 TI-TPS3435 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1 Datasheet
1Mb / 31P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Watchdog Timer
NOVEMBER 2022
TPS3435 TI-TPS3435_V01 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1_V01 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI-TPS35 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35-Q1 TI1-TPS35-Q1_V02 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3435-Q1 TI1-TPS3435-Q1_V01 Datasheet
1Mb / 36P
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI1-TPS35_V01 Datasheet
2Mb / 47P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results




O Texas Instruments


Texas Instruments (TI) to publicznie notowana firma, która projektuje i produkuje produkty półprzewodników i technologii komputerowych.

Został założony w 1930 roku i ma siedzibę w Dallas w Teksasie.

TI jest globalnym liderem w produkcji obwodów zintegrowanych analogowych i cyfrowych (DSP), a także wbudowanych procesorów i innych produktów mikrokontrolerów.

Firma obsługuje klientów w różnych branżach, w tym w elektronice motoryzacyjnej, komunikacyjnej, komputerowej, przemysłowej i konsumpcyjnej.

Portfolio produktów TI obejmuje między innymi konwertery danych, wzmacniacze i komparatory, układy powiększające się, mikrokontrolery, czujniki i rozwiązania łączności bezprzewodowej.

TI jest zaangażowany w innowacje i satysfakcję klientów i ma długą historię dostarczania klientom wysokiej jakości, niezawodnych produktów.

Koncentrując się na zrównoważonym rozwoju i efektywności energetycznej, TI poświęcono pozytywnemu wpływowi na świat poprzez technologię i produkty.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com