Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CM2031 Arkusz danych (PDF) - California Micro Devices Corp

CM2031 Datasheet PDF - California Micro Devices Corp
Numer części CM2031
Pobierz  CM2031 Pobierz
Rozmiar pliku   657.4 Kbytes
Page   14 Pages
Producent  CALMIRCO [California Micro Devices Corp]
Strona internetowa  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Szczegółowy opis HDMI Receiver Port Protection and Interface Device

CM2031 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
CM2031 Datasheet PDF - California Micro Devices Corp

Numer części CM2031
Pobierz  CM2031 Click to download

Rozmiar pliku   657.4 Kbytes
Page   14 Pages
Producent  CALMIRCO [California Micro Devices Corp]
Strona internetowa  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Szczegółowy opis HDMI Receiver Port Protection and Interface Device

CM2031 Arkusz danych (HTML) - California Micro Devices Corp


CM2031 Szczegóły Produktu

Product Description

The CM2031 HDMI Receiver Port Protection and Interface Device is specifically designed fornext generation HDMI Sink interface protection.

An integrated package provides all ESD, slew rate limiting  on CEC line,  level  shifting/isolation  and backdrive protection for an HDMI port ina single 38­ Pin TSSOP package.



Features

• HDMI 1.3 compliant

• Supports thin dielectric and 2-layer boards

• MinimizesTMDS skew with 0.05pF matching

• Long HDMI cable support with integrated I2C accelerator

• Active termination and slew rate limiting fo rCEC

• Supports direct connection to CEC microcontroller

• Integrated I2C level shifting to CMOS level including low logic level voltages

• Integrated 8kV ESD protection and backdrive protection on all external I/O lines

• Supports active and passive control of hot plug detect signal

• Multiport I2C support eliminates need for analog mux on DDC lines

• Simplified layout with matched 0.5mm trace spacing



Applications

• PC and consumer electronics

• Digital TV, PC monitors and projectors




Podobny numer części - CM2031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031-A0TR ONSEMI-CM2031-A0TR Datasheet
275Kb / 18P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
List of Unclassifed Man...
CM203125 ETC-CM203125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM203147 ETC-CM203147 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CM203160 ETC-CM203160 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Podobny opis - CM2031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
HDMI Receiver Port Protection and Interface Device
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
Texas Instruments
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results




O California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com