Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAD7171MX Arkusz danych (PDF) - ON Semiconductor

FAD7171MX Datasheet PDF - ON Semiconductor
Numer części FAD7171MX
Pobierz  FAD7171MX Pobierz
Rozmiar pliku   154.53 Kbytes
Page   11 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis 600 V / 4 A, High-Side Automotive Gate Driver IC

FAD7171MX Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FAD7171MX Datasheet PDF - ON Semiconductor

Numer części FAD7171MX
Pobierz  FAD7171MX Click to download

Rozmiar pliku   154.53 Kbytes
Page   11 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis 600 V / 4 A, High-Side Automotive Gate Driver IC

FAD7171MX Arkusz danych (HTML) - ON Semiconductor


FAD7171MX Szczegóły Produktu

Description
The FAD7171MX is a monolithic high−side gate drive IC that can
drive high−speed MOSFETs and IGBTs that operate up to +600 V. It
has a buffered output stage with all NMOS transistors designed for
high pulse current driving capability and minimum cross−conduction.
onsemi’s high−voltage process and common−mode noise−canceling
techniques provide stable operation of the high−side driver under high
dv/dt noise circumstances. An advanced level−shift circuit offers
high−side gate driver operation up to VS = −11 V for VBS = 15 V.
The UVLO circuit prevents malfunction when VBS is lower than
the specified threshold voltage. The high−current and low−output
voltage−drop feature make this device suitable for sustaining switch
drivers and energy−recovery switch drivers in automotive motor drive
inverters, switching power supplies, and high−power DC−DC
converter applications.
Features
• Floating Channel for Bootstrap Operation to +600 V
• 4 A Sourcing and 4 A Sinking Current Driving Capability
• Common−Mode dv/dt Noise−Cancelling Circuit
• 3.3 V and 5 V Input Logic Compatible
• Output In−phase with Input Signal
• Under−Voltage Lockout for VBS
• 8−SOIC Package, Case 751−07
(JEDEC MS−012, 0.150 inch Narrow Body)
• AEC−Q100 Qualified and PPAP Capable for Ambient Operating
Temperature from −40°C to 125°C
Applications
• Common Rail Injection Systems
• DC−DC Converter
• Motor Drive (Electric Power Steering, Fans)




Podobny numer części - FAD7171MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAD7191 ONSEMI-FAD7191 Datasheet
464Kb / 14P
Automotive Gate Driver IC, High and Low Side 600 V, 4.5 A
February, 2022-Rev. 7
FAD7191M1X ONSEMI-FAD7191M1X Datasheet
464Kb / 14P
Automotive Gate Driver IC, High and Low Side 600 V, 4.5 A
February, 2022-Rev. 7
More results


Podobny opis - FAD7171MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
UCC27712-Q1 TI1-UCC27712-Q1 Datasheet
1Mb / 39P
Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
FAN7191-F085 ONSEMI-FAN7191-F085 Datasheet
443Kb / 16P
High and Low Side Automotive Gate Driver IC
June, 2018 ??Rev. 4
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
logo
ON Semiconductor
FAN7171-F085 ONSEMI-FAN7171-F085 Datasheet
1Mb / 11P
600 V / 4 A, High-Side Automotive Gate Driver IC
August, 2017 ??Rev. 3
FAN7171-F085 ONSEMI-FAN7171-F085_V01 Datasheet
1Mb / 11P
600 V / 4 A, High-Side Automotive Gate Driver IC
February, 2022 ??Rev. 5
FAN7191-F085 ONSEMI-FAN7191-F085_V01 Datasheet
464Kb / 14P
Automotive Gate Driver IC, High and Low Side 600 V, 4.5 A
February, 2022-Rev. 7
logo
Infineon Technologies A...
2EDL803X INFINEON-2EDL803X Datasheet
1Mb / 32P
120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
More results




O ON Semiconductor


„ON Semiconductor to firma notowana publicznie, która projektuje, rozwija i produkuje szeroką gamę produktów półprzewodnikowych dla różnych aplikacji, w tym rynków motoryzacyjnych, komputerowych, towarów konsumpcyjnych, przemysłowych i komunikacyjnych.
Firma została założona w 1999 roku i ma siedzibę w Phoenix w Arizonie.
Na półprzewodnikach oferuje szerokie portfolio zarządzania energią, analogowe i dyskretne półprzewodniki, w tym między innymi MOSFETEM, diod, prostowników, regulatorów napięcia.
Produkty firmy są zaprojektowane tak, aby były energooszczędne, niezawodne i opłacalne i są wykorzystywane w różnych aplikacjach, w tym w przenośnej elektronice, systemach automatyzacji przemysłowej, systemach energii odnawialnej i elektronice motoryzacyjnej.
Na półprzewodnikach jest zaangażowany w innowacje i satysfakcję klientów i jest zaangażowany w zapewnianie najlepszych rozwiązań półprzewodników w celu zaspokojenia potrzeb naszych klientów ”.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com