Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HRF-AT4611-B Arkusz danych (PDF) - Honeywell Solid State Electronics Center

HRF-AT4611-B Datasheet PDF - Honeywell Solid State Electronics Center
Numer części HRF-AT4611-B
Pobierz  HRF-AT4611-B Pobierz
Rozmiar pliku   120.83 Kbytes
Page   8 Pages
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Szczegółowy opis 31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator

HRF-AT4611-B Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
HRF-AT4611-B Datasheet PDF - Honeywell Solid State Electronics Center

Numer części HRF-AT4611-B
Pobierz  HRF-AT4611-B Click to download

Rozmiar pliku   120.83 Kbytes
Page   8 Pages
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Szczegółowy opis 31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator

HRF-AT4611-B Arkusz danych (HTML) - Honeywell Solid State Electronics Center




Podobny numer części - HRF-AT4611-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-B HONEYWELL-HRF-AT4610-B Datasheet
123Kb / 8P
31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-E HONEYWELL-HRF-AT4610-E Datasheet
123Kb / 8P
31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-TR HONEYWELL-HRF-AT4610-TR Datasheet
123Kb / 8P
31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
More results


Podobny opis - HRF-AT4611-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Honeywell Solid State E...
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4511 HONEYWELL-HRF-AT4511 Datasheet
546Kb / 8P
15.5 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
More results




O Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com