Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY29FCT818CTSOCT.B Arkusz danych (PDF) - Texas Instruments

CY29FCT818CTSOCT.B Datasheet PDF - Texas Instruments
Numer części CY29FCT818CTSOCT.B
Pobierz  CY29FCT818CTSOCT.B Pobierz
Rozmiar pliku   307.55 Kbytes
Page   14 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS

CY29FCT818CTSOCT.B Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
CY29FCT818CTSOCT.B Datasheet PDF - Texas Instruments

Numer części CY29FCT818CTSOCT.B
Pobierz  CY29FCT818CTSOCT.B Click to download

Rozmiar pliku   307.55 Kbytes
Page   14 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS

CY29FCT818CTSOCT.B Arkusz danych (HTML) - Texas Instruments


CY29FCT818CTSOCT.B Szczegóły Produktu

Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM29818
Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
8-Bit Pipeline and Shadow Register
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
CY29FCT818CT
– 64-mA Output Sink Current
– 32-mA Output Source Current
CY29FCT818ATDMB
– 20-mA Output Sink Current
– 3-mA Output Source Current
3-State Outputs

description
The CY29FCT818T contains a high-speed 8-bit general-purpose data pipeline register and a high-speed 8-bit
shadow register. The general-purpose register can be used in an 8-bit-wide data path for a normal system
application. The shadow register is designed for applications such as diagnostics in sequential circuits, where
it is desirable to load known data at a specific location in the circuit and to read the data at that location.
The shadow register can load data from the output of the device, and can be used as a right-shift register with
bit-serial input (SDI) and output (SDO), using DCLK. The data register input is multiplexed to enable loading
from the shadow register or from the data input pins, using PCLK. Data can be loaded simultaneously from the
shadow register to the pipeline register, and from the pipeline register to the shadow register, provided
setup-time and hold-time requirements are satisfied, with respect to the two independent clock inputs.
In a typical application, the general-purpose register in this device replaces an 8-bit data register in the normal
data path of a system. The shadow register is placed in an auxiliary bit-serial loop that is used for diagnostics.
During diagnostic operation, data is shifted serially into the shadow register, then transferred to the
general-purpose register to load a known value into the data path. To read the contents at that point in the data
path, the data is transferred from the data register into the shadow register, then shifted serially in the auxiliary
diagnostic loop to make it accessible to the diagnostics controller. This data then is compared with the expected
value to diagnose faulty operation of the sequential circuit.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Podobny numer części - CY29FCT818CTSOCT.B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CY29FCT818CTSOCT.B TI2-CY29FCT818CTSOCT.B Datasheet
308Kb / 14P
DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
REVISED NOVEMBER 2001
More results


Podobny opis - CY29FCT818CTSOCT.B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CY29FCT818T TI-CY29FCT818T Datasheet
93Kb / 7P
Diagnostic Scan Register
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
Octal Transceiver/Register with 3-STATE Outputs
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
CY29FCT818T TI1-CY29FCT818T_15 Datasheet
535Kb / 14P
DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Texas Instruments
CY29FCT818T TI1-CY29FCT818T_17 Datasheet
533Kb / 14P
DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com