Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112HVT0V Arkusz danych (PDF) - NXP Semiconductors

FS32K112HVT0V Datasheet PDF - NXP Semiconductors
Numer części FS32K112HVT0V
Pobierz  FS32K112HVT0V Pobierz
Rozmiar pliku   1386.9 Kbytes
Page   85 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis NXP Semiconductors

FS32K112HVT0V Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FS32K112HVT0V Datasheet PDF - NXP Semiconductors

Numer części FS32K112HVT0V
Pobierz  FS32K112HVT0V Click to download

Rozmiar pliku   1386.9 Kbytes
Page   85 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis NXP Semiconductors

FS32K112HVT0V Arkusz danych (HTML) - NXP Semiconductors


FS32K112HVT0V Szczegóły Produktu

Key Features
• Operating characteristics
– Voltage range: 2.7 V to 5.5 V
– Ambient temperature range: -40 °C to 105 °C for HSRUN mode, -40 °C to 125 °C for RUN mode
• Arm™ Cortex-M4F/M0+ core, 32-bit CPU
– Supports up to 112 MHz frequency (HSRUN mode) with 1.25 Dhrystone MIPS per MHz
– Arm Core based on the Armv7 Architecture and Thumb®-2 ISA
– Integrated Digital Signal Processor (DSP)
– Configurable Nested Vectored Interrupt Controller (NVIC)
– Single Precision Floating Point Unit (FPU)
• Clock interfaces
– 4 - 40 MHz fast external oscillator (SOSC) with up to 50 MHz DC external square input clock in external clock mode
– 48 MHz Fast Internal RC oscillator (FIRC)
– 8 MHz Slow Internal RC oscillator (SIRC)
– 128 kHz Low Power Oscillator (LPO)
– Up to 112 MHz (HSRUN) System Phased Lock Loop (SPLL)
– Up to 20 MHz TCLK and 25 MHz SWD_CLK
– 32 kHz Real Time Counter external clock (RTC_CLKIN)
• Power management
– Low-power Arm Cortex-M4F/M0+ core with excellent energy efficiency
– Power Management Controller (PMC) with multiple power modes: HSRUN, RUN, STOP, VLPR, and VLPS. Note: CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to execute simultaneously. The device will need to switch to RUN mode (80 Mhz) to execute CSEc (Security) or EEPROM writes/erase.
– Clock gating and low power operation supported on specific peripherals.
• Memory and memory interfaces
– Up to 2 MB program flash memory with ECC
– 64 KB FlexNVM for data flash memory with ECC and EEPROM emulation. Note: CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to execute simultaneously. The device will need to switch to RUN mode (80 MHz) to execute CSEc (Security) or EEPROM writes/erase.
– Up to 256 KB SRAM with ECC
– Up to 4 KB of FlexRAM for use as SRAM or EEPROM emulation
– Up to 4 KB Code cache to minimize performance impact of memory access latencies
– QuadSPI with HyperBus™ support
• Mixed-signal analog
– Up to two 12-bit Analog-to-Digital Converter (ADC) with up to 32 channel analog inputs per module
– One Analog Comparator (CMP) with internal 8-bit Digital to Analog Converter (DAC)
• Debug functionality
– Serial Wire JTAG Debug Port (SWJ-DP) combines
– Debug Watchpoint and Trace (DWT)
– Instrumentation Trace Macrocell (ITM)
– Test Port Interface Unit (TPIU)
– Flash Patch and Breakpoint (FPB) Unit
• Human-machine interface (HMI)
– Up to 156 GPIO pins with interrupt functionality
– Non-Maskable Interrupt (NMI)
• Communications interfaces
– Up to three Low Power Universal Asynchronous Receiver/Transmitter (LPUART/LIN) modules with DMA support and low power availability
– Up to three Low Power Serial Peripheral Interface (LPSPI) modules with DMA support and low power availability
– Up to two Low Power Inter-Integrated Circuit (LPI2C) modules with DMA support and low power availability
– Up to three FlexCAN modules (with optional CAN-FD support)
– FlexIO module for emulation of communication protocols and peripherals (UART, I2C, SPI, I2S, LIN, PWM, etc).
– Up to one 10/100Mbps Ethernet with IEEE1588 support and two Synchronous Audio Interface (SAI) modules.
• Safety and Security
– Cryptographic Services Engine (CSEc) implements a comprehensive set of cryptographic functions as described in the SHE (Secure Hardware Extension) Functional Specification. Note: CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to execute simultaneously. The device will need to switch to RUN mode (80 MHz) to execute CSEc (Security) or EEPROM writes/erase.
– 128-bit Unique Identification (ID) number
– Error-Correcting Code (ECC) on flash and SRAM memories
– System Memory Protection Unit (System MPU)
– Cyclic Redundancy Check (CRC) module
– Internal watchdog (WDOG)
– External Watchdog monitor (EWM) module
• Timing and control
– Up to eight independent 16-bit FlexTimers (FTM) modules, offering up to 64 standard channels (IC/OC/PWM)
– One 16-bit Low Power Timer (LPTMR) with flexible wake up control
– Two Programmable Delay Blocks (PDB) with flexible trigger system
– One 32-bit Low Power Interrupt Timer (LPIT) with 4 channels
– 32-bit Real Time Counter (RTC)
• Package
– 32-pin QFN, 48-pin LQFP, 64-pin LQFP, 100-pin LQFP, 100-pin MAPBGA, 144-pin LQFP, 176-pin LQFP package options
• 16 channel DMA with up to 63 request sources using DMAMUX




Podobny numer części - FS32K112HVT0V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
FS32K112HVT0VLHT NXP-FS32K112HVT0VLHT Datasheet
1Mb / 100P
Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 13, 04/2020
More results


Podobny opis - FS32K112HVT0V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
52Kb / 8P
DISCRETE SEMICONDUCTORS
2002 Mar 04
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
VEMD6010X01 VISHAY-VEMD6010X01 Datasheet
159Kb / 7P
Vishay Semiconductors
03-Jul-15
logo
American Microsemicondu...
3N201 AMMSEMI-3N201 Datasheet
116Kb / 1P
Discrete Semiconductors
3N203 AMMSEMI-3N203 Datasheet
116Kb / 1P
Discrete Semiconductors
3N206 AMMSEMI-3N206 Datasheet
116Kb / 1P
Discrete Semiconductors
BF804 AMMSEMI-BF804 Datasheet
116Kb / 1P
Discrete Semiconductors
BF806 AMMSEMI-BF806 Datasheet
116Kb / 1P
Discrete Semiconductors
logo
List of Unclassifed Man...
1-800-543-4330 ETC2-1-800-543-4330 Datasheet
2Mb / 31P
SEMICONDUCTORS
STK413-220A ETC1-STK413-220A Datasheet
2Mb / 31P
SEMICONDUCTORS
More results




O NXP Semiconductors


NXP Semiconductors to publicznie notowana międzynarodowa firma, która projektuje, rozwija i produkuje szeroką gamę półprzewodników i zintegrowanych obwodów dla różnych aplikacji, w tym rynków motoryzacyjnych, przemysłowych, komunikacyjnych i konsumenckich.

Firma została założona w 2006 roku i ma siedzibę w Eindhoven w Holandii.

NXP oferuje szerokie portfolio produktów, w tym między innymi mikrokontrolery, mikroprocesory, bezpieczne układy uwierzytelniające, systemy zarządzania energią, RF i komponenty mikrofalowe oraz rozwiązania czujników.

Produkty firmy są zaprojektowane tak, aby były energooszczędne, bezpieczne i niezawodne, i są wykorzystywane w różnych aplikacjach, w tym w systemach motoryzacyjnych, automatyzacji i kontroli przemysłowej, inteligentnych domach i budynkach oraz podłączonych urządzeniach.

NXP jest poświęcony innowacjom i zadowoleniu klientów i jest zaangażowany w zapewnianie swoim klientom najlepszych rozwiązań półprzewodników w celu zaspokojenia ich potrzeb.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com