Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DS90UB913A-Q1 Arkusz danych (PDF) - Texas Instruments

DS90UB913A-Q1 Datasheet PDF - Texas Instruments
Numer części DS90UB913A-Q1
Pobierz  DS90UB913A-Q1 Pobierz
Rozmiar pliku   956.72 Kbytes
Page   71 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis DS90UB91xQ-Q1 10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel

DS90UB913A-Q1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DS90UB913A-Q1 Datasheet PDF - Texas Instruments

Numer części DS90UB913A-Q1
Pobierz  DS90UB913A-Q1 Click to download

Rozmiar pliku   956.72 Kbytes
Page   71 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis DS90UB91xQ-Q1 10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel

DS90UB913A-Q1 Arkusz danych (HTML) - Texas Instruments


DS90UB913A-Q1 Szczegóły Produktu

1 Features
1• 10-MHz to 100-MHz Input Pixel Clock Support
• Single Differential Pair Interconnect
• Programmable Data Payload:
– 10-bit Payload up to 100 MHz
– 12-bit Payload up to 75 MHz
• Continuous Low Latency Bidirectional Control
Interface Channel With I2C Support at 400 kHz
• 2:1 Multiplexer to Choose Between Two Input
Imagers
• Embedded Clock With DC-Balanced Coding to
Support AC-Coupled Interconnects
• Capable of Driving up to 25 Meters Shielded
Twisted-Pair
• Receive Equalizer Automatically Adapts for
Changes in Cable Loss
• Four Dedicated General-Purpose Input/Output
Pins (GPIO) Available on Both Serializer and
Deserializer
• LOCK Output Reporting Pin and AT-SPEED BIST
Diagnosis Feature to Validate Link Integrity
• 1.8-V, 2.8-V or 3.3-V Compatible Parallel Inputs
on Serializer
• Single Power Supply at 1.8 V
• ISO 10605 and IEC 61000-4-2 ESD Compliant
• Automotive-Grade Product: AEC-Q100 Grade 2
Qualified
• Temperature Range −40°C to +105°C
• Small Serializer Footprint (5 mm × 5 mm)
• EMI/EMC Mitigation on Deserializer
– Programmable Spread Spectrum (SSCG)
Outputs
– Receiver Staggered Outputs

2 Applications
• Front- or Rear-View Camera for Collision
Mitigation
• Surround View for Parking Assistance

3 Description
The DS90UB91xQ-Q1 chipset offers an FPD-Link III
interface with a high-speed forward channel and a
bidirectional control channel for data transmission
over a single differential pair. The DS90UB91xQ-Q1
chipsets incorporate differential signaling on both the
high-speed forward channel and bidirectional control
channel data paths. The serializer and deserializer pair is targeted for connections between imagers and
video processors in an electronic control unit (ECU).
This chipset is ideally suited for driving video data
that requires up to 12-bit pixel depth plus two
synchronization signals along with bidirectional
control channel bus.
There is a multiplexer at the deserializer to choose
between two input imagers. The deserializer can
have only one active input imager. The primary video transport converts 10- and 12-bit data over a single
high-speed serial stream, along with a separate low
latency bidirectional control channel transport that
accepts control information from an I2C port and is
independent of video blanking period.




Podobny numer części - DS90UB913A-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DS90UB913A-Q1 TI1-DS90UB913A-Q1 Datasheet
1Mb / 51P
25-MHz to 100-MHz 10/12-Bit FPD-Link III Serializer
More results


Podobny opis - DS90UB913A-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
Texas Instruments
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX2121 TI1-DS92LX2121_14 Datasheet
1Mb / 43P
10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com