Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IS61C5128AL-10TLI Arkusz danych (PDF) - Integrated Silicon Solution, Inc

IS61C5128AL-10TLI Datasheet PDF - Integrated Silicon Solution, Inc
Numer części IS61C5128AL-10TLI
Pobierz  IS61C5128AL-10TLI Pobierz
Rozmiar pliku   465.42 Kbytes
Page   18 Pages
Producent  ISSI [Integrated Silicon Solution, Inc]
Strona internetowa  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Szczegółowy opis 512K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C5128AL-10TLI Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
IS61C5128AL-10TLI Datasheet PDF - Integrated Silicon Solution, Inc

Numer części IS61C5128AL-10TLI
Pobierz  IS61C5128AL-10TLI Click to download

Rozmiar pliku   465.42 Kbytes
Page   18 Pages
Producent  ISSI [Integrated Silicon Solution, Inc]
Strona internetowa  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Szczegółowy opis 512K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C5128AL-10TLI Arkusz danych (HTML) - Integrated Silicon Solution, Inc


IS61C5128AL-10TLI Szczegóły Produktu

FEATURES
HIGH SPEED: (IS61/64C5128AL)
• High-speed access time: 10ns, 12 ns
• Low Active Power: 150 mW (typical)
• Low Standby Power: 10 mW (typical)
CMOS standby
LOW POWER: (IS61/64C5128AS)
• High-speed access time: 25ns
• Low Active Power: 75 mW (typical)
• Low Standby Power: 1 mW (typical)
CMOS standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Available in 32-pin sTSOP-I, 32-pin SOP, 44-pin
TSOP-II and 32-pin TSOP-II packages
• Commercial, Industrial and Automotive temperature
ranges available
• Lead-free available




Podobny numer części - IS61C5128AL-10TLI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Silicon Solu...
IS61C5128AL-10TLI ISSI-IS61C5128AL-10TLI Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Podobny opis - IS61C5128AL-10TLI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
512K X 8, CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
512K x 8 HIGH-SPEED CMOS STATIC RAM
More results




O Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com