Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM51136 Arkusz danych (PDF) - Infinite Electronics International, Inc.

FM51136 Datasheet PDF - Infinite Electronics International, Inc.
Numer części FM51136
Pobierz  FM51136 Pobierz
Rozmiar pliku   566.43 Kbytes
Page   3 Pages
Producent  FAIRVIEW [Infinite Electronics International, Inc.]
Strona internetowa  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Szczegółowy opis Mobile Antenna Operates From 2.4 GHz to 2.5 GHz With a Nominal 3 dB Gain NMO Mount Input Connector

FM51136 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FM51136 Datasheet PDF - Infinite Electronics International, Inc.

Numer części FM51136
Pobierz  FM51136 Click to download

Rozmiar pliku   566.43 Kbytes
Page   3 Pages
Producent  FAIRVIEW [Infinite Electronics International, Inc.]
Strona internetowa  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Szczegółowy opis Mobile Antenna Operates From 2.4 GHz to 2.5 GHz With a Nominal 3 dB Gain NMO Mount Input Connector

FM51136 Arkusz danych (HTML) - Infinite Electronics International, Inc.


FM51136 Szczegóły Produktu

Features:
• 2400 - 2500 MHz low profile
omni directional dipole antenna
• Vechile mount NMO style
• Vertical Polarized
• 3 dBi gain
• 150 W input power
handling capacity
• Type N Male connector
• Black radome




Podobny numer części - FM51136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
FM51133 FAIRVIEW-FM51133 Datasheet
564Kb / 3P
Portable Antenna Operates From 2.4 GHz to 2.5 GHz With a Nominal 3 dBi Gain N Male Input Connector
REV 1 A
FM51135A FAIRVIEW-FM51135A Datasheet
739Kb / 3P
Antenna Operates From 4.4 GHz to 5 GHz with a Maximum 6 dBi Gain N Male Input Connector Rated
REV 1 A
More results


Podobny opis - FM51136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
PE9887-11 PASTERNACK-PE9887-11 Datasheet
341Kb / 4P
Broadband Gain Horn Antenna Operating From 1 GHz to 18 GHz With a Nominal 0 dB Gain With SMA Female Input Connector
PE9888-11 PASTERNACK-PE9888-11 Datasheet
313Kb / 2P
Broadband Gain Horn Antenna Operates From 1 GHz to 18 GHz With a Nominal 11 dB Gain N Female Input Connector
PE9858-20 PASTERNACK-PE9858-20 Datasheet
233Kb / 2P
WR-112 Standard Gain Horn Antenna Operates From 7.05 GHz to 10 GHz With a Nominal 20 dB Gain WR-112 Input
PE51068 PASTERNACK-PE51068 Datasheet
314Kb / 3P
GPS Passive Dual Band Antenna Operates From 1.22 GHz to 1.58 GHz With a Nominal 6 dBic Gain N Female Input Connector
PE51117A PASTERNACK-PE51117A Datasheet
325Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz With a Typical 2 dBi Gain N Male Input Connector Rated
PE51135A PASTERNACK-PE51135A Datasheet
390Kb / 4P
Antenna Operates From 4.4 GHz to 5 GHz with a Maximum 6 dBi Gain N Male Input Connector Rated
PE51170 PASTERNACK-PE51170 Datasheet
343Kb / 3P
Mobile Antenna Operates From 440 MHz to 480 MHz With a Typical 4.5 dBi Gain NMO Mount Input Connector Rated
PE51172 PASTERNACK-PE51172 Datasheet
348Kb / 3P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Typical 8 dBi Gain N Female Input Connector IP67 Rated
PE51173 PASTERNACK-PE51173 Datasheet
340Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz with a Maximum 2 dBi Gain TNC Male Input Connector Rated
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com