Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G441VBI3 Arkusz danych (PDF) - STMicroelectronics

STM32G441VBI3 Datasheet PDF - STMicroelectronics
Numer części STM32G441VBI3
Pobierz  STM32G441VBI3 Pobierz
Rozmiar pliku   2534.91 Kbytes
Page   192 Pages
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Szczegółowy opis Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES

STM32G441VBI3 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
STM32G441VBI3 Datasheet PDF - STMicroelectronics

Numer części STM32G441VBI3
Pobierz  STM32G441VBI3 Click to download

Rozmiar pliku   2534.91 Kbytes
Page   192 Pages
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Szczegółowy opis Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, 128 KB Flash, 32 KB SRAM, rich analog, math accelerator, AES

STM32G441VBI3 Arkusz danych (HTML) - STMicroelectronics


STM32G441VBI3 Szczegóły Produktu

Features
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator) allowing 0-wait-state execution from Flash memory, frequency up to 170 MHz with 213 DMIPS, MPU, DSP instructions
• Operating conditions:
– VDD, VDDA voltage range: 1.71 V to 3.6 V
• Mathematical hardware accelerators
– CORDIC for trigonometric functions acceleration
– FMAC: Filter mathematical accelerator
• Memories
– 128 Kbytes of Flash memory with ECC support, proprietary code readout protection (PCROP), securable memory area, 1 Kbyte OTP
– 22 Kbytes of SRAM, with hardware parity check implemented on the first 16 Kbytes
– Routine booster: 10 Kbytes of SRAM on instruction and data bus, with hardware parity check (CCM SRAM)
• Reset and supply management
– Power-on/power-down reset (POR/PDR/BOR)
– Programmable voltage detector (PVD)
– Low-power modes: sleep, stop, standby and shutdown
• Clock management
– 4 to 48 MHz crystal oscillator
– Internal 16 MHz RC with PLL option (± 1%)
• Up to 86 fast I/Os
– All mappable on external interrupt vectors
– Several I/Os with 5 V tolerant capability
• Interconnect matrix
• 12-channel DMA controller
• 2 x ADCs 0.25 μs(up to 23 channels). Resolution up to 16-bit with hardware oversampling, 0 to 3.6 V conversion range
• 4 x 12-bit DAC channels
– 2 x buffered external channels 1 MSPS
– 2 x unbuffered internal channels 15 MSPS
• 4 x ultra-fast rail-to-rail analog comparators
• 3 x operational amplifiers that can be used in PGA mode, all terminals accessible
• Internal voltage reference buffer (VREFBUF) supporting three output voltages (2.048 V, 2.5 V, 2.95 V)
• 14 timers:
– 1 x 32-bit timer and 2 x 16-bit timers with up to four IC/OC/PWM or pulse counter and quadrature (incremental) encoder input
– 2 x 16-bit 8-channel advanced motor control timers, with up to 8 x PWM channels, dead time generation and emergency stop
– 1 x 16-bit timer with 2 x IC/OCs, one OCN/PWM, dead time generation and emergency stop
– 2 x 16-bit timers with IC/OC/OCN/PWM, dead time generation and emergency stop
– 2 x watchdog timers (independent, window)
– 1 x SysTick timer: 24-bit downcounter
– 2 x 16-bit basic timers
– 1 x low-power timer
• Calendar RTC with alarm, periodic wakeup from stop/standby
• Communication interfaces
– 1 x FDCAN controller supporting flexible data rate
– 3 x I2C Fast mode plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from stop
– 4 x USART/UARTs (ISO 7816 interface, LIN, IrDA, modem control)
– 1 x LPUART
– 3 x SPIs, 4 to 16 programmable bit frames, 2 x with multiplexed half duplex I2S interface
– 1 x SAI (serial audio interface)
– USB 2.0 full-speed interface with LPM and BCD support
– IRTIM (infrared interface)
– USB Type-C™ /USB power delivery controller (UCPD)
• True random number generator (RNG)
• CRC calculation unit, 96-bit unique ID
• AES: 128/256-bit key encryption hardware accelerator
• Development support: serial wire debug (SWD), JTAG, Embedded trace macrocell™




Podobny numer części - STM32G441VBI3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32G4 STMICROELECTRONICS-STM32G4 Datasheet
323Kb / 2P
STM32G4 mixed-signal MCUs shaped for analog-rich applications
Jun-2020
STM32G431 STMICROELECTRONICS-STM32G431 Datasheet
3Mb / 26P
STM32 development boards
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 197P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS, up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
November 2020 Rev 3
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
10-May-2019
More results


Podobny opis - STM32G441VBI3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 197P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS, up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
November 2020 Rev 3
STM32G473CB STMICROELECTRONICS-STM32G473CB Datasheet
2Mb / 229P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
October 2020 Rev 3
STM32G474CB STMICROELECTRONICS-STM32G474CB Datasheet
2Mb / 236P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
October 2020 Rev 5
STM32G483CE STMICROELECTRONICS-STM32G483CE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
November 2020 Rev 3
STM32G474XB STMICROELECTRONICS-STM32G474XB Datasheet
2Mb / 236P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
Rev 4
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




O STMicroelectronics


Stmicroelectronics to międzynarodowy producent elektroniki i półprzewodników z siedzibą w Genewie w Szwajcarii.

Firma oferuje szeroką gamę produktów, w tym mikrokontrolery, czujniki, wzmacniacze energetyczne i obwody zintegrowane dla różnych zastosowań na rynkach motoryzacyjnych, przemysłowych i konsumenckich.

Założona w 1987 r. Stmicroelectronics prowadzi działalność w ponad 100 krajach i jest jedną z największych firm półprzewodników na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com