Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPRRB-003 Arkusz danych (PDF) - Multicomp Pro

MPRRB-003 Datasheet PDF - Multicomp Pro
Numer części MPRRB-003
Pobierz  MPRRB-003 Pobierz
Rozmiar pliku   363.26 Kbytes
Page   1 Pages
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Szczegółowy opis Stripboard Prototyping Eurocard Circuit Board

MPRRB-003 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
MPRRB-003 Datasheet PDF - Multicomp Pro

Numer części MPRRB-003
Pobierz  MPRRB-003 Click to download

Rozmiar pliku   363.26 Kbytes
Page   1 Pages
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Szczegółowy opis Stripboard Prototyping Eurocard Circuit Board

MPRRB-003 Arkusz danych (HTML) - Multicomp Pro


MPRRB-003 Szczegóły Produktu

Description
The Octapad® Stripboard Series of Prototyping Eurocard circuit boards include single height (3U) and double height (6U), single sided and double sided formats. They have been designed to accommodate the popular wiring and assembly method using the stripboard format.

Features
• Unique Oktapad™ strip format circuit board
• Universal stripboard prototyping PCB
• Used with wire wrapping or discrete component wiring
• Silkscreen reference component side
• DIN 41612 connector mounting holes at one end – 32/64/96 way
• Material epoxy glass or FR4
• Board thickness 1.6mm
• Hole matrix 2.54mm × 2.54mm
• Hole size 1.02mm
• Copper Thickness 1 oz/ft2 or 35 microns or 305g/m2
• Protective Coating OSP - organic solderability preservatives (anti tarnish)

Description
Single Height Single Sided Eurocard, 3U – 100mm×160mm Combined with Oktapad® format




Podobny numer części - MPRRB-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Multicomp Pro
MPRR-SP MULTICOMP-MPRR-SP Datasheet
162Kb / 1P
Double Sided Solder Pin
14/05/21 V1.0
More results


Podobny opis - MPRRB-003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Integrations, Inc...
RD9 POWERINT-RD9 Datasheet
109Kb / 4P
User Configurable Input and Output Voltages Flyback Prototyping Board
logo
List of Unclassifed Man...
RSC-4XRPM ETC1-RSC-4XRPM Datasheet
103Kb / 7P
Rapid Prototyping Module
logo
Future Technology Devic...
VDIP1 FTDI-VDIP1 Datasheet
825Kb / 13P
Vinculum VNC1L Prototyping Module
logo
Ironwood Electronics.
CA-MLF52C-A-S-01 IRONWOOD-CA-MLF52C-A-S-01 Datasheet
73Kb / 1P
BGA Prototyping Adaptor
logo
NXP Semiconductors
OM11043 NXP-OM11043 Datasheet
149Kb / 3P
NXP - OM11043 - MCU - Prototyping Board
logo
Aries Electronics, Inc.
19001 ARIES-19001 Datasheet
786Kb / 1P
QFP Prototyping Adapters
logo
EM Microelectronic - MA...
EMEVB8900 EMMICRO-EMEVB8900 Datasheet
153Kb / 1P
Evaluation & Prototyping Tool for EM8900
logo
Cypress Semiconductor
CY8CKIT-059 CYPRESS-CY8CKIT-059 Datasheet
2Mb / 48P
5LP Prototyping Kit Guide
logo
BusBoard Prototype Syst...
PR1593K BUSBOARD-PR1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
PR1593L BUSBOARD-PR1593L Datasheet
231Kb / 2P
A prototyping board designed for the Hammond 1593L handheld enclosure.
Rev 4.00
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com