Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L4P5CEI6P Arkusz danych (PDF) - STMicroelectronics

STM32L4P5CEI6P Datasheet PDF - STMicroelectronics
Numer części STM32L4P5CEI6P
Pobierz  STM32L4P5CEI6P Pobierz
Rozmiar pliku   6109.32 Kbytes
Page   311 Pages
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Szczegółowy opis Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS

STM32L4P5CEI6P Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
STM32L4P5CEI6P Datasheet PDF - STMicroelectronics

Numer części STM32L4P5CEI6P
Pobierz  STM32L4P5CEI6P Click to download

Rozmiar pliku   6109.32 Kbytes
Page   311 Pages
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Szczegółowy opis Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS

STM32L4P5CEI6P Arkusz danych (HTML) - STMicroelectronics


STM32L4P5CEI6P Szczegóły Produktu

Features
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• -40 °C to 85/125 °C temperature range
• Batch acquisition mode (BAM)
• 150 nA in VBAT mode: supply for RTC and 32x32-bit backup registers
• 22 nA Shutdown mode (5 wakeup pins)
• 42 nA Standby mode (5 wakeup pins)
• 190 nA Standby mode with RTC
• 2.95 μA Stop 2 with RTC
• 110 μA/MHz Run mode (LDO mode)
• 41 μA/MHz Run mode (@ 3.3 V SMPS mode)
• 5 μs wakeup from Stop mode
• Brownout reset (BOR) in all modes except Shutdown
Core
• Arm® 32-bit Cortex®-M4 CPU with FPU, adaptive real-time accelerator (ART Accelerator) allowing 0-wait-state execution from Flash memory, frequency up to 120 MHz, MPU, 150 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1), and DSP instructions
Memories
• 1-Mbyte Flash memory, 2 banks read-whilewrite, proprietary code readout protection
• 320 Kbytes of SRAM including 64 Kbytes with hardware parity check
• External memory interface for static memories supporting SRAM, PSRAM, NOR, NAND and FRAM memories
• 2 x Octo-SPI memory interfaces
General-purpose inputs/outputs
• Up to 136 fast I/Os, most 5 V-tolerant, up to 14
I/Os with independent supply down to 1.08 V
Performance benchmark
• 1.25 DMIPS/MHz (Drystone 2.1)
• 409.20 CoreMark® (3.41 CoreMark/MHz @120 MHz)
Energy benchmark
• 285 ULPMark™ CP score
Up to 24 capacitive sensing channels
• Support touchkey, linear and rotary touch sensors
Clock management
• 4 to 48 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (±1%)
• Internal low-power 32 kHz RC (±5%)
• Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy)
• Internal 48 MHz with clock recovery
• 3 PLLs for system clock, USB, audio, ADC




Podobny numer części - STM32L4P5CEI6P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32L4P5CE STMICROELECTRONICS-STM32L4P5CE Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
More results


Podobny opis - STM32L4P5CEI6P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32L4P5XX STMICROELECTRONICS-STM32L4P5XX Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
STM32L4Q5XX STMICROELECTRONICS-STM32L4Q5XX Datasheet
5Mb / 284P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, 1-MB Flash memory, 320-KB SRAM, LCD-TFT, AESPKA
December 2019 Rev 1
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




O STMicroelectronics


Stmicroelectronics to międzynarodowy producent elektroniki i półprzewodników z siedzibą w Genewie w Szwajcarii.

Firma oferuje szeroką gamę produktów, w tym mikrokontrolery, czujniki, wzmacniacze energetyczne i obwody zintegrowane dla różnych zastosowań na rynkach motoryzacyjnych, przemysłowych i konsumenckich.

Założona w 1987 r. Stmicroelectronics prowadzi działalność w ponad 100 krajach i jest jedną z największych firm półprzewodników na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com