Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMC0X11R Arkusz danych (PDF) - Texas Instruments

AMC0X11R Datasheet PDF - Texas Instruments
Numer części AMC0X11R
Pobierz  AMC0X11R Pobierz
Rozmiar pliku   1596.33 Kbytes
Page   40 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis AMC0x11R Precision, 2.25V Input, Basic and Reinforced Isolated AmplifiersWith Single-Ended, Ratiometric Output

AMC0X11R Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AMC0X11R Datasheet PDF - Texas Instruments

Numer części AMC0X11R
Pobierz  AMC0X11R Click to download

Rozmiar pliku   1596.33 Kbytes
Page   40 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis AMC0x11R Precision, 2.25V Input, Basic and Reinforced Isolated AmplifiersWith Single-Ended, Ratiometric Output

AMC0X11R Arkusz danych (HTML) - Texas Instruments


AMC0X11R Szczegóły Produktu

1 Features
• Linear input voltage range: 77mV to 2.25V
• High input impedance: 2.4GΩ (typical)
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Single-ended output, ratiometric to VREFIN
– Reference Input: 2.7V to 5.5V
• Low DC errors:
– Offset error: ±1.5mV (maximum)
– Offset drift: ±30μV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±40ppm/°C (maximum)
– Nonlinearity: ±0.08% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0211R: Basic isolation
– AMC0311R: Reinforced isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577
• Fully specified over the industrial temperature
range: –40°C to +125°C

2 Applications
• Motor drives
• Photovoltaic inverters
• Server power-supply units (PSU)
• EV charging stations

3 Description
The AMC0x11R is a precision, galvanically isolated
amplifier with a 2.25V, high impedance input and
single-ended ratiometric output. The high-impedance
input is optimized for connection to a high-impedance
resistive divider or other voltage signal source with
high output resistance.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The AMC0x11R outputs a single-ended signal
proportional to the input voltage. The full-scale output
is set by the voltage applied to the REFIN pin. The
output of the AMC0x11R is designed to connect
directly to the input of an ADC. Connect REFIN to
the same reference voltage as the ADC to match the
dynamic input voltage range of the ADC.
The AMC0x11R devices come in 8-pin, wide- and
narrow-body SOIC packages, and are fully specified
over the temperature range from –40°C to +125°C.




Podobny numer części - AMC0X11R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AMC0X11R TI2-AMC0X11R Datasheet
1Mb / 32P
AMC0x11R Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
JULY 2025
AMC0X11R-Q1 TI-AMC0X11R-Q1 Datasheet
1Mb / 31P
AMC0x11R-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
OCTOBER 2024
AMC0X11R-Q1 TI2-AMC0X11R-Q1 Datasheet
1Mb / 31P
AMC0x11R-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
REVISED JULY 2025
AMC0X11R-Q1 TI2-AMC0X11R-Q1 Datasheet
1Mb / 40P
AMC0x11R-Q1 Automotive, Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
REVISED OCTOBER 2025
More results


Podobny opis - AMC0X11R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
Single-ended Input and Output
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com