Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

10SMB10A Arkusz danych (PDF) - Shanghai Shunye Electronics Co.,Ltd.

10SMB10A Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Numer części 10SMB10A
Pobierz  10SMB10A Pobierz
Rozmiar pliku   1686.02 Kbytes
Page   7 Pages
Producent  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Szczegółowy opis Transient Voltage Suppressors (TVS) Data Sheet

10SMB10A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
10SMB10A Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Numer części 10SMB10A
Pobierz  10SMB10A Click to download

Rozmiar pliku   1686.02 Kbytes
Page   7 Pages
Producent  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Szczegółowy opis Transient Voltage Suppressors (TVS) Data Sheet

10SMB10A Arkusz danych (HTML) - Shanghai Shunye Electronics Co.,Ltd.


10SMB10A Szczegóły Produktu

Features
■ For surface mounted applications in order to optimize board space
■ Low profile package
■ Built-in strain relief
■ Glass passivated junction
■ Low inductance
■ Excellent clamping capability
■ 1000W peak pulse power capability at 10/1000μs waveform,
repetition rate (duty cycle): 0.01%
■ Fast response time
■ Typical IR less than 1μA above 12V
■ High Temperature soldering: 260℃/10 seconds at terminals
■ Plastic package has underwriters laboratory flammability 94V-0
■ Meets MSL level 1, per J-STD-020
■ IEC61000-4-2 ESD 30KV Air, 30KV contact compliance

Applications
■ I/O interface ■ AC/DC power supply
■ Low frequency signal transmission line (RS232, RS485, etc.)




Podobny numer części - 10SMB10A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UN Semiconducctor INC
10SMBJ UNSEMI-10SMBJ Datasheet
3Mb / 6P
5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
10SMBJ100A UNSEMI-10SMBJ100A Datasheet
3Mb / 6P
5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
10SMBJ100CA UNSEMI-10SMBJ100CA Datasheet
3Mb / 6P
5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
10SMBJ10A UNSEMI-10SMBJ10A Datasheet
3Mb / 6P
5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
10SMBJ10CA UNSEMI-10SMBJ10CA Datasheet
3Mb / 6P
5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Podobny opis - 10SMB10A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Socay Electornics Co., ...
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10A SOCAY-SMAJ10A Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10CA SOCAY-SMAJ10CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11 SOCAY-SMAJ11 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11C SOCAY-SMAJ11C Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ12 SOCAY-SMAJ12 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ SOCAY-SMAJ Datasheet
1Mb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com