Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASD08C Arkusz danych (PDF) - Shanghai Shunye Electronics Co.,Ltd.

ASD08C Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Numer części ASD08C
Pobierz  ASD08C Pobierz
Rozmiar pliku   2015.57 Kbytes
Page   7 Pages
Producent  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Szczegółowy opis 1-Line Bi-directional TVS Diode

ASD08C Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ASD08C Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Numer części ASD08C
Pobierz  ASD08C Click to download

Rozmiar pliku   2015.57 Kbytes
Page   7 Pages
Producent  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Szczegółowy opis 1-Line Bi-directional TVS Diode

ASD08C Arkusz danych (HTML) - Shanghai Shunye Electronics Co.,Ltd.


ASD08C Szczegóły Produktu

Description
The ASDXXC is designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones,
notebook computers and PDA’s, using monolithic silicon
technology to provide fast response time and ultra low
ESD clamping voltage, making this device an ideal solution for protecting sensitive semiconductor components
from damage. The ASDXXC complies with the IEC 61000
-4-2 (ESD) with ±30kV air and ±30kV contact discharge.
The ASDXXC is assembled into a lead-free SOD-323
package and will protect one unidirectional line. These
devices will fit on the same PCB pad area as an 0805
MLV device.

Features
 500W peak pulse power (8/20μs)
 Protects one data or power line
 Ultra low leakage: nA level
 Operating voltage: 3.3V,5V, 8V, 12V, 15V, 24V,
36V, 40V
 Ultra low clamping voltage
 Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
 RoHS Compliant

Applications
 Cellular Handsets and Accessories
 Personal Digital Assistants
 Notebooks and Handhelds
 Portable Instrumentation
 Peripherals
 Pagers Peripherals
 Desktop and Servers




Podobny numer części - ASD08C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Applied Power Microelec...
ASD08C APMICRO-ASD08C Datasheet
766Kb / 7P
1-Line Bi-directional TVS Diode
More results


Podobny opis - ASD08C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com