Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLVC244AWRKSRQ1 Arkusz danych (PDF) - Texas Instruments

PCLVC244AWRKSRQ1 Datasheet PDF - Texas Instruments
Numer części PCLVC244AWRKSRQ1
Pobierz  PCLVC244AWRKSRQ1 Pobierz
Rozmiar pliku   1868.06 Kbytes
Page   32 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis SN74LVC244A-Q1 Automotive Octal Buffer or Driver With 3-State Outputs

PCLVC244AWRKSRQ1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
PCLVC244AWRKSRQ1 Datasheet PDF - Texas Instruments

Numer części PCLVC244AWRKSRQ1
Pobierz  PCLVC244AWRKSRQ1 Click to download

Rozmiar pliku   1868.06 Kbytes
Page   32 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis SN74LVC244A-Q1 Automotive Octal Buffer or Driver With 3-State Outputs

PCLVC244AWRKSRQ1 Arkusz danych (HTML) - Texas Instruments


PCLVC244AWRKSRQ1 Szczegóły Produktu

1 Features
• Qualified for Automotive Applications
• Operates from 1.65V to 3.6V
• Inputs accept voltages to 5.5V
• Specified from –40°C to +85°C and
–40°C to +125°C
• Maximum tpd of 5.9ns at 3.3V
• Typical VOLP (output ground bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
> 2V at VCC = 3.3V, TA = 25°C
• Supports mixed-mode signal operation on
all ports (5V input or output voltage with
3.3V VCC)
• Ioff supports live insertion, partial-power-down
mode, and back-drive protection
• Latch-up performance exceeds 250mA per
JESD 17

2 Applications
• Combining power good signals
• Enable digital signals

3 Description
These octal bus buffers are designed for 1.65V to
3.6V VCC operation. The SN74LVC244A-Q1 devices
are designed for asynchronous communication
between data buses.




Podobny numer części - PCLVC244AWRKSRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PCLVC244AWRKSRQ1 TI1-PCLVC244AWRKSRQ1 Datasheet
1Mb / 28P
SN74LVC244A-Q1 Automotive Octal Buffer or Driver With 3-State Outputs
MARCH 2025
More results


Podobny opis - PCLVC244AWRKSRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244A TI1-SN74LVC244A_16 Datasheet
1Mb / 34P
SN74LVC244A Octal Buffer or Driver With 3-State Outputs
SN74AC244-Q1 TI-SN74AC244-Q1 Datasheet
1Mb / 28P
SN74AC244-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
MAY 2023
SN74ACT244-Q1 TI1-SN74ACT244-Q1_V01 Datasheet
1Mb / 22P
SN74ACT244-Q1 Automotive Octal Buffer/Driver with 3-State Outputs
REVISED JULY 2023
SN74AC541-Q1 TI1-SN74AC541-Q1 Datasheet
1Mb / 30P
SN74AC541-Q1 Automotive Octal Buffers or Drivers With 3-State Outputs
NOVEMBER 2023
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com