Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P6KE33CA/B Arkusz danych (PDF) - YAGEO Corporation

P6KE33CA/B Datasheet PDF - YAGEO Corporation
Numer części P6KE33CA/B
Pobierz  P6KE33CA/B Pobierz
Rozmiar pliku   517.55 Kbytes
Page   7 Pages
Producent  YAGEO [YAGEO Corporation]
Strona internetowa  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Szczegółowy opis RoHS compliant & Halogen free

P6KE33CA/B Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
P6KE33CA/B Datasheet PDF - YAGEO Corporation

Numer części P6KE33CA/B
Pobierz  P6KE33CA/B Click to download

Rozmiar pliku   517.55 Kbytes
Page   7 Pages
Producent  YAGEO [YAGEO Corporation]
Strona internetowa  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Szczegółowy opis RoHS compliant & Halogen free

P6KE33CA/B Arkusz danych (HTML) - YAGEO Corporation


P6KE33CA/B Szczegóły Produktu

Features
■ Glass passivated junction
■ Low zener impedance
■ Excellent clamping capability
■ 600W peak pulse power capability at 10/1000μs waveform,
repetition rate (duty cycle): 0.01%
■ Fast response time
■ Typical IR less than 1μA above 12V.
■ High Temperature soldering guaranteed: 265℃/10 seconds/.375″,
(9.5mm) lead length, 5lbs (2.3kg) tension
■ Plastic package has underwriters laboratory flammability 94V-0
■ Meets MSL level 1, per J-STD-020.
■ Safety certification: UL: E244458
■ IEC61000-4-2 ESD 30KV Air, 30KV contact compliance

Applications
■ I/O interface ■ AC/DC power supply
■ Low frequency signal transmission line (RS232, RS485, etc.)




Podobny numer części - P6KE33CA/B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
P6KE33CA PANJIT-P6KE33CA Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
STMicroelectronics
P6KE33CA STMICROELECTRONICS-P6KE33CA Datasheet
78Kb / 6P
UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
Nov-1998
logo
Surge Components
P6KE33CA SURGE-P6KE33CA Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE33CA TRSYS-P6KE33CA Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE33CA WTE-P6KE33CA Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
More results


Podobny opis - P6KE33CA/B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
RoHS Compliant & Halogen-Free
AP9440GYT-HF A-POWER-AP9440GYT-HF_16 Datasheet
61Kb / 5P
RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
RoHS Compliant & Halogen-Free
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
RoHS Compliant & Halogen Free
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com