Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TH3B1560202000 Arkusz danych (PDF) - Vishay Siliconix

TH3B1560202000 Datasheet PDF - Vishay Siliconix
Numer części TH3B1560202000
Pobierz  TH3B1560202000 Pobierz
Rozmiar pliku   483.42 Kbytes
Page   18 Pages
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Szczegółowy opis Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade

TH3B1560202000 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TH3B1560202000 Datasheet PDF - Vishay Siliconix

Numer części TH3B1560202000
Pobierz  TH3B1560202000 Click to download

Rozmiar pliku   483.42 Kbytes
Page   18 Pages
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Szczegółowy opis Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade

TH3B1560202000 Arkusz danych (HTML) - Vishay Siliconix


TH3B1560202000 Szczegóły Produktu

FEATURES
• Operating temperature up to 150 °C with 50 %
voltage derating
• AEC-Q200 qualified
• 100 % surge current tested
(B, C, D, E case sizes)
• RoHS-compliant terminations available:
matte tin (all cases), gold (A, C, D, and E cases)
• Standard EIA 535BAAC case size (A through E)
• Compliant terminations
• Moisture sensitivity level 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Automotive
• Industrial
• High temperature sensors




Podobny numer części - TH3B1560202000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
14-Oct-08
TH3 VISHAY-TH3 Datasheet
576Kb / 19P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
20-Jun-17
logo
Rohm
TH3001-2P1W00A ROHM-TH3001-2P1W00A Datasheet
325Kb / 2P
1 Inch Type High-Speed Thermal Printhead for Date Code Printers
2021.12 - Rev.002
TH3002-2P1W00A ROHM-TH3002-2P1W00A Datasheet
111Kb / 2P
For Date Code Pr int ing
logo
Topstek Inc.
TH30A TOPSTEK-TH30A Datasheet
131Kb / 3P
Topstek Current Transducer
More results


Podobny opis - TH3B1560202000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
293D VISHAY-293D_08 Datasheet
109Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
05-May-08
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
04-Jun-08
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
02-Jun-09
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
02-Jun-09
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
06-Dec-16
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
20-Jun-17
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
28-Sep-16
More results




O Vishay Siliconix


Vishay Siliconix jest spółką zależną Vishay Intertechnology, globalnego producenta pasywnych komponentów elektronicznych.
Vishay Siliconix specjalizuje się w projektowaniu, produkcji i marketingu mosfetów energetycznych, IGBT i innych półprzewodników mocy.
Firma została założona w 1962 roku i ma siedzibę w Santa Clara w Kalifornii.
Vishay Siliconix zapewnia rozwiązania energetyczne dla różnych zastosowań, w tym systemy energii odnawialnej, sprzęt przemysłowy, komputer i telekomunikacja oraz elektronika samochodowa.
Produkty firmy są przeznaczone do wysokiej wydajności, niskiej zużycia energii i wysokiej niezawodności i są wytwarzane w najnowocześniejszych obiektach przy użyciu zaawansowanych procesów produkcyjnych.
Koncentrując się na innowacjach i satysfakcji klientów, Vishay Siliconix jest zaangażowany w zapewnianie swoim klientom najlepszych rozwiązań do zarządzania energią w celu zaspokojenia ich potrzeb.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com