Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3132291 Arkusz danych (PDF) - Premier Farnell Limited.

3132291 Datasheet PDF - Premier Farnell Limited.
Numer części 3132291
Pobierz  3132291 Pobierz
Rozmiar pliku   170.58 Kbytes
Page   2 Pages
Producent  DURATOOL [Premier Farnell Limited.]
Strona internetowa  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Szczegółowy opis Duratool Soldering Station and Benchtop Magnifier Kit

3132291 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
3132291 Datasheet PDF - Premier Farnell Limited.

Numer części 3132291
Pobierz  3132291 Click to download

Rozmiar pliku   170.58 Kbytes
Page   2 Pages
Producent  DURATOOL [Premier Farnell Limited.]
Strona internetowa  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Szczegółowy opis Duratool Soldering Station and Benchtop Magnifier Kit

3132291 Arkusz danych (HTML) - Premier Farnell Limited.


3132291 Szczegóły Produktu

48W Soldering Station
Features
Adjustable Soldering Station
220V AC to 240V AC 50Hz 48W Blue Colour
Hi-quality tip C1-1
Natural Mica Heater
Temperature:150°C to 480°C
BS plug

Lightcraft Magnifier
Features
48 LEDs producing 6300K shadow-free light with low heat emission
Energy efficient, only 14.5w
Quality 125mm (5") glass lens, 3 dioptres (1.75x mag.)
Slide lens sun protector cap
Includes table clamp with cone holder for extra stability

Description
A round 14.5W LED daylight lamp with glass lens & slide lens cap. Longer covered arms with sturdy joints for extra flexibility & positioning – Ideal for close-up intricate work.
Lightcraft offers a great value range of fluorescent and LED daylight magnifier lamps. The range includes table lamps, long reach & task lamps, headband magnifiers and lightboxes.
The fluorescent daylight tubes allow you to view colours accurately anytime day or night, as well as the smaller detail on
objects. The tubes provide a consistent shadow-free light source, are energy saving and have low heat emission which means that you can work for longer and in comfort. The new LED lamps will give you hours of natural energy efficient light, long reach and the option of extra magnification.
From an occasional user to professional, Lightcraft has the product to suit your needs.
The users are wide and varied, including reading, writing & study, crafting & modelling, sewing & tapestry, jewellery making, electronics and light industrial work, airbrushing, nail art & filling, stamp collecting, painting and even smaller DIY tasks. The list goes on!
All Light Craft products comply with EU quality standards.




Podobny numer części - 3132291

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
313225 LITTELFUSE-313225 Datasheet
44Kb / 1P
Axial Lead and Cartridge Fuses
313225P LITTELFUSE-313225P Datasheet
76Kb / 1P
Axial Lead and Cartridge Fuses
More results


Podobny opis - 3132291

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
WD1001 ETC2-WD1001 Datasheet
44Kb / 1P
Digital 85W Soldering Station, 120 V
D01501 ETC2-D01501 Datasheet
25Kb / 1P
Duratool Spacers
PES51 ETC2-PES51 Datasheet
95Kb / 1P
50 watt Soldering Pencil for WES51 Soldering Station
D00669 ETC2-D00669 Datasheet
28Kb / 2P
Temperature Controlled Soldering Station
WESD51 ETC1-WESD51 Datasheet
114Kb / 1P
Digital Soldering Station; Power Unit, Soldering Pencil, Stand, Sponge
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
17502 AVEN-17502 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 7pc
logo
SparkFun Electronics
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
Monocle Magnifier - Illuminated
5??5??7
logo
Kendall Howard
5200-3-001-00 KENDALLHOWARD-5200-3-001-00 Datasheet
696Kb / 2P
LAN Station Caster Kit
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com