Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC2081 Arkusz danych (PDF) - Infinite Electronics International, Inc.

SC2081 Datasheet PDF - Infinite Electronics International, Inc.
Numer części SC2081
Pobierz  SC2081 Pobierz
Rozmiar pliku   452.09 Kbytes
Page   3 Pages
Producent  FAIRVIEW [Infinite Electronics International, Inc.]
Strona internetowa  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Szczegółowy opis 7/16 DIN Female Open Circuit Connector Cap With 4.72 Inch Chain

SC2081 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SC2081 Datasheet PDF - Infinite Electronics International, Inc.

Numer części SC2081
Pobierz  SC2081 Click to download

Rozmiar pliku   452.09 Kbytes
Page   3 Pages
Producent  FAIRVIEW [Infinite Electronics International, Inc.]
Strona internetowa  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Szczegółowy opis 7/16 DIN Female Open Circuit Connector Cap With 4.72 Inch Chain

SC2081 Arkusz danych (HTML) - Infinite Electronics International, Inc.


SC2081 Szczegóły Produktu

Features
• Protects against dust
• and contaminants
• Protects against physical damage
• Tri-Metal Plated Body
• Chain Included
• Applications:
• General Purpose Laboratory Use
• Test and Measurement




Podobny numer części - SC2081

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
SC2080C FAIRVIEW-SC2080C Datasheet
43Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC2082 FAIRVIEW-SC2082 Datasheet
447Kb / 3P
7/16 DIN Female Open Circuit Connector Cap
REV 2.0
SC2083 FAIRVIEW-SC2083 Datasheet
498Kb / 2P
SSMA Male Open Circuit Connector Cap
REV 1.0A
SC2087 FAIRVIEW-SC2087 Datasheet
26Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
logo
Mallory Sonalert Produc...
SC208NR MSPI-SC208NR Datasheet
52Kb / 1P
Voltage Rating 1.8 to 8 VDC
More results


Podobny opis - SC2081

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE6057 PASTERNACK-PE6057 Datasheet
234Kb / 2P
Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap
PE6058 PASTERNACK-PE6058 Datasheet
72Kb / 1P
7/16 FEMALE CAP WITH CHAIN
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
Shorting N Female With 4 Inch Chain Dust Cap
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6057 PASTERNACK-PE6057_16 Datasheet
416Kb / 3P
7/16 DIN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6058 PASTERNACK-PE6058_16 Datasheet
345Kb / 3P
7/16 DIN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com