Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC3060 Arkusz danych (PDF) - Infinite Electronics International, Inc.

SC3060 Datasheet PDF - Infinite Electronics International, Inc.
Numer części SC3060
Pobierz  SC3060 Pobierz
Rozmiar pliku   506.62 Kbytes
Page   3 Pages
Producent  FAIRVIEW [Infinite Electronics International, Inc.]
Strona internetowa  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Szczegółowy opis SMA Female Bulkhead PCB Connector .062 inch End Launch Solder Attachment

SC3060 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SC3060 Datasheet PDF - Infinite Electronics International, Inc.

Numer części SC3060
Pobierz  SC3060 Click to download

Rozmiar pliku   506.62 Kbytes
Page   3 Pages
Producent  FAIRVIEW [Infinite Electronics International, Inc.]
Strona internetowa  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Szczegółowy opis SMA Female Bulkhead PCB Connector .062 inch End Launch Solder Attachment

SC3060 Arkusz danych (HTML) - Infinite Electronics International, Inc.


SC3060 Szczegóły Produktu

Features
• Operating Frequency
• of 26.5 GHz Max.
• Excellent VSWR of 1.2:1
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• Rack and Panel Mount
• Applications
• PCB Applications




Podobny numer części - SC3060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
Thermometrics
SC30 AMPHENOL-SC30 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Frontier Electronics.
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC30-01 FRONTIER-SC30-01 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC30-02 FRONTIER-SC30-02 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
More results


Podobny opis - SC3060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44615 PASTERNACK-PE44615 Datasheet
222Kb / 2P
N Female Bulkhead Connector Solder Attachment End Launch PCB, .630 inch Diameter
PE44618 PASTERNACK-PE44618 Datasheet
216Kb / 2P
BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44848 PASTERNACK-PE44848 Datasheet
235Kb / 2P
SMC Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB
PE45405 PASTERNACK-PE45405 Datasheet
461Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .042 inch End Launch PCB
PE45406 PASTERNACK-PE45406 Datasheet
462Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .062 inch End Launch PCB
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com