Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X10213 Arkusz danych (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Numer części X10213
Pobierz  X10213 Pobierz
Rozmiar pliku   503.82 Kbytes
Page   4 Pages
Producent  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Strona internetowa  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Szczegółowy opis 4000W, 240V Efficient Outdoor Heating with Energy-Saving Features

X10213 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Numer części X10213
Pobierz  X10213 Click to download

Rozmiar pliku   503.82 Kbytes
Page   4 Pages
Producent  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Strona internetowa  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Szczegółowy opis 4000W, 240V Efficient Outdoor Heating with Energy-Saving Features

X10213 Arkusz danych (HTML) - United Automation Ltd. All rights reserved


X10213 Szczegóły Produktu

KEY FEATURES:
 Soft-Start: Extends lamp life by up to 30%.
 Variable Control: Allows optimal comfort level adjustment.
 Easy Installation: Connects directly with a 13A plug for up to a 3kW load.
 Energy Saving: Heats only when needed.
 Temperature Monitoring: Heaters switch on only when the temperature drops below a preset point.
APPLICATIONS:
Ideal for any application requiring control and management of high in-rush currents, such as:
 Outdoor Heating: Perfect for patios, garden lighting, and dining areas.
 Commercial Use: Suitable for restaurants, hospitality areas, and other commercial spaces.
 Industrial Environments: Ideal for warehouses and workshops using infrared heating lamps.




Podobny numer części - X10213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Podobny opis - X10213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
Energy-saving axial fan
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
Energy Saving Type Low Dissipation
logo
Tripp Lite. All Rights ...
SRXCOOL33K TRIPPLITE-SRXCOOL33K Datasheet
548Kb / 3P
SmartRack 33,000 BTU 200-240V Energy-Saving, Row-Based Air Conditioning Unit with Hardwire Input
logo
Nanjing International G...
BSS84 DGNJDZ-BSS84 Datasheet
792Kb / 5P
Energy Efficient
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
Energy-saving axial fans
logo
Motorola, Inc
MJ100BX120 MOTOROLA-MJ100BX120 Datasheet
392Kb / 4P
Energy Efficient Package
logo
TT Electronics.
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
Energy-saving axial fans
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com