Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HG65806CUPR-NF Arkusz danych (PDF) - Infinite Electronics International, Inc.

HG65806CUPR-NF Datasheet PDF - Infinite Electronics International, Inc.
Numer części HG65806CUPR-NF
Pobierz  HG65806CUPR-NF Pobierz
Rozmiar pliku   358.34 Kbytes
Page   4 Pages
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Szczegółowy opis 617-960 MHz / 1350-2700 MHz / 3300-3800 MHz / 4900-6000 MHz Low PIM Rated H-pol Ceiling Omni Antenna, Low Profile, Type N Female Connector

HG65806CUPR-NF Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
HG65806CUPR-NF Datasheet PDF - Infinite Electronics International, Inc.

Numer części HG65806CUPR-NF
Pobierz  HG65806CUPR-NF Click to download

Rozmiar pliku   358.34 Kbytes
Page   4 Pages
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Szczegółowy opis 617-960 MHz / 1350-2700 MHz / 3300-3800 MHz / 4900-6000 MHz Low PIM Rated H-pol Ceiling Omni Antenna, Low Profile, Type N Female Connector

HG65806CUPR-NF Arkusz danych (HTML) - Infinite Electronics International, Inc.


HG65806CUPR-NF Szczegóły Produktu

Features
• Low Passive Intermodulation (PIM) <-153 dBc @ 2x20W
• Horizontal Polarization
• Low Profile ¾” thick antenna
• Type N Female connector with 12 inch pigtail
• Covers all sub 6 GHz 5G frequency bands including 600 MHz
and extended CBRS
Applications
• Indoor distribution of 5G, LTE, GSM/CDMA
• In-building public or private networks
• LPWAN, LoRA, LTE-M, NB-IoT, IoT, M2M applications
• DAS (Distributed Antenna Systems)
• Discrete Ceiling Mounts
Description
The L-com HG65806CUPR-NF is a low PIM rated, high performance ceiling mount omnidirectional antenna specifically designed for
in-building wireless networks such as DAS (Distributed Antenna Systems). L-com’s HG65806CUPR-NF has 1.5 to 6 dBi gain and can
be used to distribute Cellular and WiFi signals throughout a building or area. The HG65806CUPR-NF operates from 617 to 6000 MHz
which is ideal for 5G, LTE, CDMA, LPWAN/IoT/M2M applications including LoRA, LTE-M, and NB-IOT. The Multi-Band design of the
L-com HG65806CUPR-NF antenna eliminates the need to purchase different antennas for each frequency. This simplifies installations
since the same antenna can be used for a wide array of in-building wireless applications where wide coverage is desired.
The HG65806CUPR-NF from L-com has omnidirectional patterns with horizontal polarization and features Type N connectors. The key
to providing the best performance in telecommunications is to ensure the components used are low PIM rated. This helps meet the
increasing demand for higher data rates and the ability to provide streaming video for mobile devices. With a low PIM rating of <-150
dBc, the 617-6000 MHz HG65806CUPR-NF helps meets the most demanding PIM requirements for 5G and LTE/4G bands.
The Type N connectorized HG65806CUPR-NF antenna from L-com is designed specifically for in-building operation and is ideal for use
in large open areas such as indoor courtyards, indoor sporting venues, convention centers and shopping malls. The included mounting
bracket and hardware makes this antenna very easy to install. This 5G Cellular antenna just like our wide selection of superior quality
RF parts, ship same day. Contact our knowledgeable and friendly technical support and sales staff for your answers on antennas or
other L-com products.




Podobny numer części - HG65806CUPR-NF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
HG65806CUPR-4310F L-COM-HG65806CUPR-4310F Datasheet
359Kb / 4P
617-960 MHz / 1350-2700 MHz / 3300-3800 MHz / 4900-6000 MHz Low PIM Rated H-pol Ceiling Omni Antenna, Low Profile, 4.3-10 Female Connector
04/09/2021
More results


Podobny opis - HG65806CUPR-NF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
Magnet Mount Antenna 3300-3800 MHz, 5 dBi
logo
Pulse A Technitrol Comp...
DASCOUPXXDBNF PULSE-DASCOUPXXDBNF Datasheet
166Kb / 2P
Directional Coupler, 698-2700 MHz, Low PIM
logo
TE Connectivity Ltd
2195771-1 TEC-2195771-1 Datasheet
2Mb / 2P
698-960, 1710-2700 & 3400-3800 MHz LTE Standard Antenna Solutions
logo
Pulse A Technitrol Comp...
DASLTE500XXMIMO PULSE-DASLTE500XXMIMO Datasheet
899Kb / 16P
617-960/1710-2170/2300-2700/3400-3800/4900-7100MHz Ceiling mount
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
PE51OM1040 PASTERNACK-PE51OM1040 Datasheet
366Kb / 4P
7 dBi Omni Antenna 617-3,800 MHz N Type Female Connector
REV 1
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com