Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7911AAAST5 Arkusz danych (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7911AAAST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Numer części DIO7911AAAST5
Pobierz  DIO7911AAAST5 Pobierz
Rozmiar pliku   1932.48 Kbytes
Page   13 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis 600 mA, Ultra-Low-Noise, Low-IQ LDO

DIO7911AAAST5 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DIO7911AAAST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7911AAAST5
Pobierz  DIO7911AAAST5 Click to download

Rozmiar pliku   1932.48 Kbytes
Page   13 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis 600 mA, Ultra-Low-Noise, Low-IQ LDO

DIO7911AAAST5 Arkusz danych (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7911AAAST5 Szczegóły Produktu

Features
 Operating input voltage range: 1.6 V to 5.5 V
 Output voltage range:
0.75 V to 5 V (fixed voltage version)
0.8 V to 5 V (adjustable voltage version)
 Output current: 600 mA
 Ultra-low quiescent current: 34 μA (typ.)
 Dropout voltage: 145 mV at IOUT = 600 mA,
at 2.8 V
 PSRR: 75 dB at 1 kHz, IOUT = 20 mA
 Output voltage tolerance: ±1%
 Stable with ceramic capacitors of 1 μF
 Thermal-overload protection
 Short-circuit protection
 Quick output discharge:
DIO7911A: available
DIO7911B: not available
 Available in small DFN1*1-4, SOT23-5, and
SC70-5 packages
 These devices are Pb−free, halogen-free/BFR
free and are RoHS compliant
Applications
 MP3/MP4 players
 Cellphones, radiophone, digital cameras
 Bluetooth, wireless handsets
 Others portable electronics devices
Descriptions
The DIO7911 series is a high-accuracy, low-noise,
high-speed, high-PSRR, and low-dropout CMOS
linear regulator with high ripple rejection. The
devices offer a new level of cost-effective
performance in cellular phones, laptop and
notebook computers, and other portable devices.
The DIO7911 has the fold-back maximum output
current which depends on the output voltage. So
the current limit functions both as a short circuit
protection and as an output current limiter.
The device is available in small DFN1*1-4,
SOT23-5, and SC70-5 packages.




Podobny numer części - DIO7911AAAST5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO7910 DIOO-DIO7910 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAACN4 DIOO-DIO7910AAACN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAADN6 DIOO-DIO7910AAADN6 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAAEN4 DIOO-DIO7910AAAEN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAASC5 DIOO-DIO7910AAASC5 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
More results


Podobny opis - DIO7911AAAST5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LP5907 TI1-LP5907_17 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com