Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7912AAACN4 Arkusz danych (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7912AAACN4 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Numer części DIO7912AAACN4
Pobierz  DIO7912AAACN4 Pobierz
Rozmiar pliku   1501.27 Kbytes
Page   16 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis 300 mA, Ultra-Low-Noise, Low-IQ LDO

DIO7912AAACN4 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DIO7912AAACN4 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7912AAACN4
Pobierz  DIO7912AAACN4 Click to download

Rozmiar pliku   1501.27 Kbytes
Page   16 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis 300 mA, Ultra-Low-Noise, Low-IQ LDO

DIO7912AAACN4 Arkusz danych (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7912AAACN4 Szczegóły Produktu

Features
 Operating Input Voltage Range: 1.6 V to 5.5 V
 Output Voltage Range: 0.8 V to 3.3 V
 Output current: 300 mA
 Ultra-Low Quiescent Current: Typ. 25 μA
 Dropout voltage: 170 mV at IOUT=300 mA
 PSRR: 75dB at 1 kHz, IOUT = 20 mA
 Output Voltage Tolerance: ±1%
 Stable with Ceramic Capacitors 1 μF
 Thermal-Overload Protection
 Short-Circuit Protection
 Quick Output Discharge
DIO7912A: available
DIO7912B: not available
 Available in Small DFN1*1-4, SOT23-5, and DFN0.8*0.8-4, SC70-5 Packages
 These Devices are Pb−Free, Halogen Free/BFR Free, and are RoHS Compliant
Applications
 MP3/MP4 Players
 Cellphones, Radiophone, Digital Cameras
 Bluetooth, Wireless Handsets
 Others portable electronics device
Descriptions
The DIO7912 series is a high-accuracy, low-noise, high-speed, high-PSRR, and low-dropout CMOS Linear regulator with high ripple rejection. The devices offer a new level of cost-effective performance in cellular phones, laptop and notebook computers, and other portable devices.
The DIO7912 has the fold-back maximum output current which depends on the output voltage. So the current limit functions both as a short circuit protection and as an output current limiter.
The device is available in DFN1*1-4, SOT23-5, DFN0.8*0.8-4, and SC70-5 packages.




Podobny numer części - DIO7912AAACN4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO7910 DIOO-DIO7910 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAACN4 DIOO-DIO7910AAACN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAADN6 DIOO-DIO7910AAADN6 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAAEN4 DIOO-DIO7910AAAEN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAASC5 DIOO-DIO7910AAASC5 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
More results


Podobny opis - DIO7912AAACN4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20 Datasheet
450Kb / 24P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com