Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7915BADJST5 Arkusz danych (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7915BADJST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Numer części DIO7915BADJST5
Pobierz  DIO7915BADJST5 Pobierz
Rozmiar pliku   1815.65 Kbytes
Page   19 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis 300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator

DIO7915BADJST5 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
DIO7915BADJST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7915BADJST5
Pobierz  DIO7915BADJST5 Click to download

Rozmiar pliku   1815.65 Kbytes
Page   19 Pages
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Szczegółowy opis 300 mA, High-Voltage, 27 μA Low Quiescent Current,Low-Dropout Regulator

DIO7915BADJST5 Arkusz danych (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7915BADJST5 Szczegóły Produktu

 Features
 Operating input voltage range: 2 V to 12 V
 Operating output voltage range:
− Fixed option: 0.6 V to 5 V
− Adjustable option: 0.6 to 5.5 V
 Output current: 300 mA
 Ultra-low quiescent current: 27 μA typ.
 Dropout voltage: 255 mV at IOUT = 300 mA, VOUT
= 2.8 V
 PSRR: 60 dB at 1 kHz, IOUT = 20 mA
 Output voltage tolerance: ±2%
 Stable with ceramic capacitors 1 μF
 Thermal-overload protection
 Short-circuit protection
 Quick output discharge:
− DIO7915A: available
− DIO7915B: not available
 These devices are Pb−free, halogen free / BFR
free, and RoHS compliant
 Applications
 MP3/MP4 players
 Cellphones, radiophones
 Digital cameras, audio devices
 Bluetooth, wireless handsets
 Industrial and medical equipment
 Other portable electronics devices
 Description
The DIO7915 is a high-accuracy, low-noise,
high-speed, and low-dropout CMOS linear regulator
with high ripple rejection. The operating input voltage
range is from 2 V to 12 V and fixed output voltage
range is from 0.6 V to 5.0 V. The device offers a new
level of cost-effective performance in cellular phones,
laptop and notebook computers, and other portable
devices.
The DIO7915 has the fold-back maximum output
current that depends on the output voltage. So the
current limit functions both as a short-circuit
protection and as an output current limiter.
The device is available in green DFN1×1-4, SOT23-5,
SC70-5, and DFN2×2-6 packages. It operates over
an operating temperature range of -40°C to 125°C.




Podobny numer części - DIO7915BADJST5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOO MICROCIRCUITS CO.,...
DIO7910 DIOO-DIO7910 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAACN4 DIOO-DIO7910AAACN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAADN6 DIOO-DIO7910AAADN6 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAAEN4 DIOO-DIO7910AAAEN4 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
DIO7910AAASC5 DIOO-DIO7910AAASC5 Datasheet
2Mb / 19P
300 mA, Ultra-Low Noise, Low-IQ LDO
Rev 3.2
More results


Podobny opis - DIO7915BADJST5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
Texas Instruments
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
logo
STMicroelectronics
LDO40L STMICROELECTRONICS-LDO40L Datasheet
818Kb / 25P
400 mA, 38 V low-dropout regulator, with 45 μA quiescent current
10-Feb-2020
logo
Texas Instruments
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com