Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCSP1006 Arkusz danych (PDF) - Infinite Electronics International, Inc.

LCSP1006 Datasheet PDF - Infinite Electronics International, Inc.
Numer części LCSP1006
Pobierz  LCSP1006 Pobierz
Rozmiar pliku   341.07 Kbytes
Page   3 Pages
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Szczegółowy opis 7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect Low PIM -155 dBc

LCSP1006 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
LCSP1006 Datasheet PDF - Infinite Electronics International, Inc.

Numer części LCSP1006
Pobierz  LCSP1006 Click to download

Rozmiar pliku   341.07 Kbytes
Page   3 Pages
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Szczegółowy opis 7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect Low PIM -155 dBc

LCSP1006 Arkusz danych (HTML) - Infinite Electronics International, Inc.


LCSP1006 Szczegóły Produktu

Features
• Surge current of 40kA
• Max Power 500W
• Frequency range from 698 MHz to 2.7 GHz
• Waterproof IP67 rated
• 7/16 DIN female connector to 7/16 DIN male connector
• DC Block
• Low PIM
• VSWR <1.1:1
• Low insertion loss
• CE & RoHS compliant
• Bi-Directional
Applications
• Cellular communication systems
• Public safety systems
• Emergency response systems
• Industrial
.
Description
RF surge protector (also known as lightning arrester) LCSP1006 from L-COM utilizing a patented spiral inductor design
enables an almost instantaneous response to a lightning surge to protect critical hardware while maintaining the RF performance.
This RF surge protector component is manufactured in a coaxial in-line design with wide operating frequency range.
All L-COM RF surge protector products are available in stock with same day shipping.




Podobny numer części - LCSP1006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infinite Electronics In...
LCSP1001 L-COM-LCSP1001 Datasheet
356Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect
2/28/18
LCSP1002 L-COM-LCSP1002 Datasheet
341Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect with Bracket
2/28/18
LCSP1003 L-COM-LCSP1003 Datasheet
356Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter BiDirect Low PIM -155 dBc
2/28/18
LCSP1005 L-COM-LCSP1005 Datasheet
348Kb / 3P
7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Pass 1000W IP67 20kA Filter Low PIM -155 dBc
2/28/18
LCSP1007 L-COM-LCSP1007 Datasheet
334Kb / 3P
7/16 F/M In/Out Bulkhead RF Coaxial Surge Protector 698MHz - 2.7GHz DC Block 500W IP67 40kA Filter Low PIM -155 dBc with Bracket
2/28/18
More results


Podobny opis - LCSP1006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1004 PASTERNACK-PE73SP1004 Datasheet
223Kb / 3P
7/16 F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1005 PASTERNACK-PE73SP1005 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1006 PASTERNACK-PE73SP1006 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1007 PASTERNACK-PE73SP1007 Datasheet
219Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1008 PASTERNACK-PE73SP1008 Datasheet
233Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1034 PASTERNACK-PE73SP1034 Datasheet
250Kb / 3P
7/16 M/F In/Out Coax RF Surge Protector
PE73SP1037 PASTERNACK-PE73SP1037 Datasheet
249Kb / 3P
7/16 F/F In/Out Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com