Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLM7311DRRR Arkusz danych (PDF) - Texas Instruments

PLM7311DRRR Datasheet PDF - Texas Instruments
Numer części PLM7311DRRR
Pobierz  PLM7311DRRR Pobierz
Rozmiar pliku   3882.18 Kbytes
Page   34 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis LM7311 3.5V–23V, 33mΩ, 5A eFuse With True Reverse Current blocking

PLM7311DRRR Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
PLM7311DRRR Datasheet PDF - Texas Instruments

Numer części PLM7311DRRR
Pobierz  PLM7311DRRR Click to download

Rozmiar pliku   3882.18 Kbytes
Page   34 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis LM7311 3.5V–23V, 33mΩ, 5A eFuse With True Reverse Current blocking

PLM7311DRRR Arkusz danych (HTML) - Texas Instruments


PLM7311DRRR Szczegóły Produktu

1 Features
• Wide operating input voltage range: 3.5V to 23V
– 28V absolute maximum
– Output negative voltage support up to -1V
• Integrated back-to-back FETs with low ONresistance: RON = 33mΩ (typ)
• 5A continuous current
• 15A peak current for 10ms with 2% duty cycle
• Active High Enable input with adjustable undervoltage Lockout (UVLO)
• Ideal diode operation with true reverse current blocking (RCB)
• Fixed Overvoltage (OVLO) protection with debounce time
• Short Circuit protection at startup and steady state
• Adjustable output slew rate control (dVdt)
• Overtemperature protection
• Digital output: Fault Indication (FLT)
• Small footprint: DFN 3mm × 3mm




Podobny numer części - PLM7311DRRR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PLM73100RPWR TI-PLM73100RPWR Datasheet
3Mb / 44P
LM73100, 2.7- 23 V, 5.5 A Integrated Ideal Diode with Input Reverse Polarity and Overvoltage Protection
More results


Podobny opis - PLM7311DRRR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS25940A TI1-TPS25940A Datasheet
2Mb / 47P
18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Texas Instruments
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Alpha & Omega Semicondu...
AOZ13984DI-02 AOSMD-AOZ13984DI-02 Datasheet
962Kb / 17P
ECPower™ 20V 33mΩ Smart Protection Switch True Reverse Current Blocking
Rev. 1.0 December 2020
AOZ13987DI-02 AOSMD-AOZ13987DI-02 Datasheet
1,003Kb / 17P
ECPower™ 23V 20mΩ Smart Protection Switch With Ideal Diode True Reverse Current Blocking
Rev. 1.1 May 2022
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com