Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1554VB2GYCL Arkusz danych (PDF) - Hammond Manufacturing Ltd.

1554VB2GYCL Datasheet PDF - Hammond Manufacturing Ltd.
Numer części 1554VB2GYCL
Pobierz  1554VB2GYCL Pobierz
Rozmiar pliku   303.56 Kbytes
Page   2 Pages
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Szczegółowy opis Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options

1554VB2GYCL Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
1554VB2GYCL Datasheet PDF - Hammond Manufacturing Ltd.

Numer części 1554VB2GYCL
Pobierz  1554VB2GYCL Click to download

Rozmiar pliku   303.56 Kbytes
Page   2 Pages
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Szczegółowy opis Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options

1554VB2GYCL Arkusz danych (HTML) - Hammond Manufacturing Ltd.


1554VB2GYCL Szczegóły Produktu

Key Features
Ideally suited for mounting printed circuit boards or DIN rail mounted components (see
photo features below for details).
ABS Versions are molded from general purpose material which carries a flammability
rating of UL94-HB. For indoor use.
Polycarbonate versions are UV stabilized for outdoor use. Gray polycarb carries a UL94-
5VA rating, while clear and smoked lids carry a UL94V-0 rating.
Polycarbonate versions are cUL and UL 508A listed (File # E65324). ABS plastic
versions are not UL listed.
Enclosure color is a light gray (RAL 7035).
Gasketed lid with two piece “tongue & groove” construction provides protection against
access of oil, dust and water.
Gasket is one piece made from high temperature, U.L. listed silicone.
Polycarb versions are designed to meet NEMA Type 4, 4X, 6, 6P, 12 & 13 ratings which
meet and exceed IP ratings up to and including IP68. (Except 1554/55 V size which is
4,4X only)
ABS Plastic versions are designed to meet IP66.
Lid is secured with included M4 stainless steel machine screws which are threaded into
integral stainless steel bushings for repetitive assembly & disassembly. All hardware is
stainless steel to avoid corrosion caused by dissimilar metals.
Lid screws are self captivating (lid holes are threaded with the first installation of lid
screws).
Internal features are maximized for mounting options and vary with size:
Internal DIN rail mounting tabs molded into most models, except sizes “C” and
“D”.
Threaded (M3) integral brass inserts and/or standoffs (#6 self tapping screws) for
P.C. board or inner panel mounting in all but the smallest size (“B”).
Vertical P.C. card guides (for 1.5 mm thick P.C. boards) are molded in all but the
smallest size (“B”).




Podobny numer części - 1554VB2GYCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hammond Manufacturing L...
1554VB2GYCL HAMMOND-1554VB2GYCL Datasheet
332Kb / 3P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
1/16/2021
1554VB2GYCL HAMMOND-1554VB2GYCL Datasheet
285Kb / 2P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
6/13/2018
1554VB2GYCL HAMMOND-1554VB2GYCL Datasheet
318Kb / 3P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
3/18/2019
1554VB2GYCL HAMMOND-1554VB2GYCL Datasheet
318Kb / 3P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
4/18/2019
1554VB2GYCL HAMMOND-1554VB2GYCL Datasheet
333Kb / 3P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
8/6/2021
More results


Podobny opis - 1554VB2GYCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
logo
Hammond Manufacturing L...
1590WE HAMMOND-1590WE Datasheet
208Kb / 3P
WATERTIGHT WITH FLANGED LID
logo
List of Unclassifed Man...
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
PCJ-HSC HAMMOND-PCJ-HSC Datasheet
182Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJ-NSL HAMMOND-PCJ-NSL Datasheet
159Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJ-SC HAMMOND-PCJ-SC Datasheet
190Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJ-SL HAMMOND-PCJ-SL Datasheet
159Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PJHD HAMMOND-PJHD Datasheet
82Kb / 2P
Bo챤te de jonction en polycarbonate de type 4X
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com