Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1591CBK Arkusz danych (PDF) - Hammond Manufacturing Ltd.

1591CBK Datasheet PDF - Hammond Manufacturing Ltd.
Numer części 1591CBK
Pobierz  1591CBK Pobierz
Rozmiar pliku   270.83 Kbytes
Page   3 Pages
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Szczegółowy opis ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom

1591CBK Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
1591CBK Datasheet PDF - Hammond Manufacturing Ltd.

Numer części 1591CBK
Pobierz  1591CBK Click to download

Rozmiar pliku   270.83 Kbytes
Page   3 Pages
Producent  HAMMOND [Hammond Manufacturing Ltd.]
Strona internetowa  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Szczegółowy opis ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom

1591CBK Arkusz danych (HTML) - Hammond Manufacturing Ltd.


1591CBK Szczegóły Produktu

Key Features
Ideally suited for vertical mounting of printed circuit boards (internal side walls include
molded in card guides - see photo to the right).
Integral card guides accept 1.5 mm (0.062”) P.C. cards.
Lap joint construction provides protection against access of dust and splashing water.
Designed to meet IP54.
Standard versions are molded from easy to machine flame retardant ABS plastic which
carries a UL flammability rating of 94V-0.
Economy versions are molded from general purpose (not flame-retardant) plastic.
On standard versions the lid is secured with M3 x 10 mm Phillips machine screws,
threaded into integral brass bushings. Perfect for applications when repetitive assembly
and disassembly are required (see photo below to the right).
Economy versions are assembled with self tapping screws into fully plastic posts.
Black enclosures include black screws, all others - standard nickel finish screws.




Podobny numer części - 1591CBK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hammond Manufacturing L...
1591CBK HAMMOND-1591CBK Datasheet
71Kb / 1P
1591C
1591CBK HAMMOND-1591CBK Datasheet
290Kb / 3P
ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom
8/25/2018
More results


Podobny opis - 1591CBK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
G302 ETC1-G302 Datasheet
60Kb / 2P
Multipurpose Enclosures
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
FLAME RETARDANT ABS
logo
EPCOS
B82422T1224K EPCOS-B82422T1224K Datasheet
486Kb / 9P
Flame-retardant molding
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
logo
Ohmite Mfg. Co.
RES-MX OHMITE-RES-MX Datasheet
140Kb / 1P
Flame retardant silicone
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
Flame Retardant Potting Epoxy
logo
CamdenBoss Ltd.
CUE83 CAMDENBOSS-CUE83 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com