Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EM-36 Arkusz danych (PDF) - Swissbit AG

EM-36 Datasheet PDF - Swissbit AG
Numer części EM-36
Pobierz  EM-36 Pobierz
Rozmiar pliku   221.54 Kbytes
Page   4 Pages
Producent  SWISSBIT [Swissbit AG]
Strona internetowa  https://www.swissbit.com/en/
Logo SWISSBIT - Swissbit AG
Szczegółowy opis Industrial / Automotive e·MMC Memory

EM-36 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
EM-36 Datasheet PDF - Swissbit AG

Numer części EM-36
Pobierz  EM-36 Click to download

Rozmiar pliku   221.54 Kbytes
Page   4 Pages
Producent  SWISSBIT [Swissbit AG]
Strona internetowa  https://www.swissbit.com/en/
Logo SWISSBIT - Swissbit AG
Szczegółowy opis Industrial / Automotive e·MMC Memory

EM-36 Arkusz danych (HTML) - Swissbit AG


EM-36 Szczegóły Produktu

Product Features
 Fully compliant with JEDEC e·MMC 5.1 Standard (JESD84-B51)
 153-ball BGA, 0.5mm pitch
 11.5 x 13mm, RoHS compliant
 3D TLC NAND base technology in Enhanced Mode (pSLC)
 Industrial Operating Temperature -40 to 85°C / Automotive Operating Temperature -40 to 105°C (not
available for 5 GBytes)
 Single enhanced mode partition
 High performance e·MMC 5.1 specification
o Eleven-wire bus (clock, Data Strobe, 1 bit command, 8 bit data bus) and a hardware reset
o Three different data bus width modes: 1-bit (default), 4-bit, and 8-bit
o Clock frequencies 0-200MHz, High Speed Mode HS400
o Command Queue Feature according to e·MMC Spec 5.1
o Up to 300MB/s sequential read and up to 230MB/s sequential write
 Power Supply: (Low-power CMOS technology)
o VCCQ 1.7V…1.95V or 2.7V…3.6V e·MMC supply
o VCC 2.7V…3.6V NAND Flash supply
 Optimized FW algorithms
o Power-fail data loss protection
o Wear Leveling technology
Equal wear leveling of static and dynamic data. The wear leveling assures that dynamic data
as well as static data is balanced evenly across the memory. With that the maximum write
endurance of the device is ensured
o Read Disturb Management
The read commands per region are monitored and the content is conditionally refreshed
when critical levels have occurred
o Auto Read Refresh
The interruptible background process maintains the user data for Read Disturb effects or
Retention degradation due to high temperature effects
o Diagnostic features with Device Health Report according to e·MMC Spec 5.1, and detailed
Lifetime Monitor data (Swissbit proprietary, accessible through standard e·MMC commands).
o Field Firmware update3 according to e·MMC Spec 5.1
o Discard and Sanitize, Trim
o Boot Operation Mode and Alternative Boot Operation Mode
o Replay Protected Memory Block (RPMB)
 High reliability
o Designed with sophisticated firmware architecture for industrial and embedded markets.
o Enhanced Mode (pSLC) with higher write performance and endurance than 3D TLC configured
products (EM-30).
o Ideal for application like POS/POI, PLC, IoT, gaming, medical and use as general boot medium for
embedded applications.
o The product is optimized for long life cycle that requires superior data retention as well as
power fail safety.
o Controlled BOM & PCN process




Podobny numer części - EM-36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Swissbit AG
EM-30 SWISSBIT-EM-30 Datasheet
222Kb / 4P
Industrial / Automotive e·MMC Memory
March 25, 2022
More results


Podobny opis - EM-36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SFSD1024NGBW1MT-T-ME ETC2-SFSD1024NGBW1MT-T-ME Datasheet
1Mb / 23P
Industrial MICRO SD Memory Card
logo
American Electronic Com...
DG85A AEC-DG85A Datasheet
503Kb / 2P
automotive / industrial relays
DG85B AEC-DG85B Datasheet
503Kb / 4P
automotive / industrial relays
DG85C AEC-DG85C Datasheet
503Kb / 4P
automotive / industrial relays
DG85D AEC-DG85D Datasheet
503Kb / 4P
automotive / industrial relays
DG85F AEC-DG85F Datasheet
503Kb / 4P
automotive / industrial relays
DG85G AEC-DG85G Datasheet
334Kb / 4P
automotive / industrial relays
DG85M AEC-DG85M Datasheet
339Kb / 4P
automotive / industrial relays
logo
Willow Technologies Ltd
DG85 WILLOW-DG85 Datasheet
503Kb / 4P
automotive / industrial relays
DG85M WILLOW-DG85M Datasheet
339Kb / 4P
automotive / industrial relays
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com