Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS06504PS-X-R Arkusz danych (PDF) - PUI audio inc.

AS06504PS-X-R Datasheet PDF - PUI audio inc.
Numer części AS06504PS-X-R
Pobierz  AS06504PS-X-R Pobierz
Rozmiar pliku   375.71 Kbytes
Page   4 Pages
Producent  PUIAUDIO [PUI audio inc.]
Strona internetowa  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Szczegółowy opis Enhances bass response in many speakers from 25mm to 70mm in diameter

AS06504PS-X-R Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AS06504PS-X-R Datasheet PDF - PUI audio inc.

Numer części AS06504PS-X-R
Pobierz  AS06504PS-X-R Click to download

Rozmiar pliku   375.71 Kbytes
Page   4 Pages
Producent  PUIAUDIO [PUI audio inc.]
Strona internetowa  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Szczegółowy opis Enhances bass response in many speakers from 25mm to 70mm in diameter

AS06504PS-X-R Arkusz danych (HTML) - PUI audio inc.


AS06504PS-X-R Szczegóły Produktu

Features:
•
Replaces a tuned port in vented enclosures, saving space
•
Enhances bass response in many speakers from 25mm to 70mm in diameter
•
Built with peel-and-stick 3M™ double-sided tape for quick, easy mounting
•
Stamped steel diaphragm

Description
Released from Engineering
Updated IP rating to IP67 starting at date code FH423




Podobny numer części - AS06504PS-X-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PUI audio inc.
AS06504PS-X-R PUIAUDIO-AS06504PS-X-R Datasheet
725Kb / 6P
Paper cone for warm natural sound and improved ruggedness
6/14/2019
More results


Podobny opis - AS06504PS-X-R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
MMT175 AXIOMTEK-MMT175 Datasheet
342Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
MRV Communications, Inc...
EM316T3E3-XY MRV-EM316T3E3-XY Datasheet
1Mb / 4P
Many optional functions in one single module
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
Many mechanical components in the automotive sector have been replaced
Apr-2002
logo
Axiomtek Co., Ltd.
MMT225 AXIOMTEK-MMT225_15 Datasheet
394Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
Laird Tech Smart Techno...
CCM12 LSTD-CCM12 Datasheet
205Kb / 2P
Operates in many radio frequencies for worldwide deployment
logo
Taoglas antenna solutio...
ISA.06.A.301111 TAOGLAS-ISA.06.A.301111 Datasheet
725Kb / 10P
Wide-band response from 400Mhz to 470MHz
logo
WALSIN TECHNOLOGY CORPO...
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com