Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RGP15A Arkusz danych (PDF) - TAITRON Components Incorporated

RGP15A Datasheet PDF - TAITRON Components Incorporated
Numer części RGP15A
Pobierz  RGP15A Pobierz
Rozmiar pliku   133.73 Kbytes
Page   4 Pages
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Szczegółowy opis 1.5A Sintered Glass Passivated Fast Recovery Rectifier

RGP15A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
RGP15A Datasheet PDF - TAITRON Components Incorporated

Numer części RGP15A
Pobierz  RGP15A Click to download

Rozmiar pliku   133.73 Kbytes
Page   4 Pages
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Szczegółowy opis 1.5A Sintered Glass Passivated Fast Recovery Rectifier

RGP15A Arkusz danych (HTML) - TAITRON Components Incorporated


RGP15A Szczegóły Produktu

Features
• Sintered glass passivated (SGP) rectifier chip
• Capable of meeting environmental standards of MIL-S-19500
• For use in high frequence rectifier circuits
• Fast switching for high efficiency
• Typical IR less than 0.1µA
• High temperature soldering guaranteed: 260°C/10 seconds
   /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance




Podobny numer części - RGP15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zowie Technology Corpor...
RGP15A ZOWIE-RGP15A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGP15A GE-RGP15A Datasheet
64Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Micro Commercial Compon...
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
List of Unclassifed Man...
RGP15A ETC-RGP15A Datasheet
45Kb / 2P
1.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
First Components Intern...
RGP15A FCI-RGP15A Datasheet
157Kb / 2P
1.5 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
More results


Podobny opis - RGP15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
Comchip Technology
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
Glass Passivated Sintered Fast Recovery Rectifier
CFPA10MD COMCHIP-CFPA10MD Datasheet
69Kb / 2P
Glass Passivated Sintered Fast Recovery Rectifier
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP15A TAITRON-EGP15A Datasheet
145Kb / 4P
1.5A Sintered Glass Passivated Super Fast Recovery Rectifier
GP15A TAITRON-GP15A Datasheet
138Kb / 4P
1.5A Sintered Glass Passivated Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Zowie Technology Corpor...
RG110B ZOWIE-RG110B Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com