Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAM2306LX2YPBE Arkusz danych (PDF) - Power Analog Micoelectronics

PAM2306LX2YPBE Datasheet PDF - Power Analog Micoelectronics
Numer części PAM2306LX2YPBE
Pobierz  PAM2306LX2YPBE Pobierz
Rozmiar pliku   407.08 Kbytes
Page   15 Pages
Producent  PAM [Power Analog Micoelectronics]
Strona internetowa  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Szczegółowy opis Dual High-Efficiency PWM Step-Down DC-DC Coverter

PAM2306LX2YPBE Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
PAM2306LX2YPBE Datasheet PDF - Power Analog Micoelectronics

Numer części PAM2306LX2YPBE
Pobierz  PAM2306LX2YPBE Click to download

Rozmiar pliku   407.08 Kbytes
Page   15 Pages
Producent  PAM [Power Analog Micoelectronics]
Strona internetowa  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Szczegółowy opis Dual High-Efficiency PWM Step-Down DC-DC Coverter

PAM2306LX2YPBE Arkusz danych (HTML) - Power Analog Micoelectronics


PAM2306LX2YPBE Szczegóły Produktu

General Description
The PAM2306 is a dual step-down current-mode, DC-DC converter. At heavy load, the constant-frequency PWM control performs excellent stability and transient response. To ensure the longest battery life in portable applications, the PAM2306 provides a power-saving PulseSkipping Modulation (PSM) mode to reduce quiescent current under light load operation.

Features
■ Efficiency up to 96%
■ Only 40μA (Typ. per Channel) Quiescent Current
■ Output Current: Up to 1A per Channel
■ Internal Synchronous Rectifier
■ 1.5MHz Switching Frequency
■ Soft Start
■ Under-Voltage Lockout
■ Short Circuit Protection
■ Thermal Shutdown
■ Small 12L WDFN3x3 Package
■ Pb-Free Package and RoHS Compliant

Applications
■ Cellular Phone
■ Portable Electronics
■ Personal Information Appliances
■ Wireless and DSL Modems
■ MP3 Players




Podobny numer części - PAM2306LX2YPBE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306 DIODES-PAM2306 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306AYP DIODES-PAM2306AYP Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306AYPKE DIODES-PAM2306AYPKE Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Power Analog Micoelectr...
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
More results


Podobny opis - PAM2306LX2YPBE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Power Analog Micoelectr...
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com